Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55185GCMZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HC55185GCMZ
Description  VoIP Ringing SLIC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55185GCMZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HC55185GCMZ Datasheet HTML 4Page - Intersil Corporation HC55185GCMZ Datasheet HTML 5Page - Intersil Corporation HC55185GCMZ Datasheet HTML 6Page - Intersil Corporation HC55185GCMZ Datasheet HTML 7Page - Intersil Corporation HC55185GCMZ Datasheet HTML 8Page - Intersil Corporation HC55185GCMZ Datasheet HTML 9Page - Intersil Corporation HC55185GCMZ Datasheet HTML 10Page - Intersil Corporation HC55185GCMZ Datasheet HTML 11Page - Intersil Corporation HC55185GCMZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN4831.14
December 18, 2006
Functional Improvements
In addition to parametric improvements, internal circuit
changes and application circuit changes have been made to
improve the overall device functionality.
Off Hook Interface
The transient behavior of the device in response to mode
changes has been significantly improved. The benefit to the
application is reduction or more likely elimination of DET
glitches when off hook events occur. In addition to internal
circuit modifications, the change of CFB value contributes to
this functional improvement.
Transient Current Limit
The drive current capability of the output amplifiers is
determined by an externally programmable output current
limit circuit which is separate from the DC loop current limit
function and programmed at the pin TL. The current limit
circuit works in both the source and sink direction, with an
internally fixed offset to prevent the current limit functions
from turning on simultaneously. The current limit function is
provided by sensing line current and reducing the voltage
drive to the load when the externally set threshold is
exceeded, hence forcing a constant source or sink current.
SOURCE CURRENT PROGRAMMING
The source current is externally programmed as shown in
Equation 1.
For example a source current limit setting of 50mA is
programmed with a 35.6k
Ω resistor connected from pin 16 of
the device to ground. This setting determines the maximum
amount of current which flows from Tip to Ring during an off
hook event until the DC loop current limit responds. In addition
this setting also determines the amount of current which will
flow from Tip or Ring when external battery faults occur.
SINK CURRENT PROGRAMMING
The sink current limit is internally offset 20% higher than the
externally programmed source current limit setting.
If the source current limit is set to 50mA, the sink current limit
will be 60mA. This setting will determine the maximum current
that flows into Tip or Ring when external ground faults occur.
FUNCTIONAL DESCRIPTION
Each amplifier is designed to limit source current and sink
current. The diagram below shows the functionality of the
circuit for the case of limiting the source current. A similar
diagram applies to the sink current limit with current polarity
changed accordingly.
During normal operation, the error current (IERR) is zero and
the output voltage is determined by the signal current (ISIG)
multiplied by the 200k feedback resistor. With the current
polarity as shown for ISIG, the output voltage moves positive
with respect to half battery. Assuming the amplifier output is
driving a load at a more negative potential, the amplifier
output will source current.
During excessive output source current flow, the scaled
output current (IO/K) exceeds the reference current (IREF)
forcing an error current (IERR). With the polarity as shown
the error current subtracts from the signal current, which
reduces the amplifier output voltage. By reducing the output
voltage the source current to the load is decreased and the
output current is limited.
DETERMINING THE PROPER SETTING
Since this feature programs the maximum output current of
the device, the setting must be high enough to allow for
detection of ring trip or programmed off hook loop current,
whichever is greater.
To allow for proper ring trip operation, the transient current
limit setting should be set at least 25% higher than the peak
ring trip current setting. Setting the transient current 25%
higher should account for programming tolerances of both
the ring trip threshold and the transient current limit.
If loop current is larger than ring trip current (low REN applica-
tions) then the transient current limit should be set at least 35%
higher than the loop current setting. The slightly higher offset
accounts for the slope of the loop current limit function.
Attention to detail should be exercised when programming
the transient current limit setting. If ring trip detect does not
occur while ringing, then re-examine the transient current
limit and ring trip threshold settings.
R
TL
1780
I
SRC
-------------
=
(EQ. 1)
I
SNK
1.20
I
SRC
×
=
(EQ. 2)
FIGURE 1. CURRENT LIMIT FUNCTIONAL DIAGRAM
TIP or RING
+
-
IREF = 1.21/TL
IO
IO/K
IERR
ISIG
20
200k
VB/2
HC55185


Similar Part No. - HC55185GCMZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC55185GCMZ RENESAS-HC55185GCMZ Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
More results

Similar Description - HC55185GCMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com