Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5503PRCRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC5503PRCRZ
Description  Low Cost SLIC For Large Telecom Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRCRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HC5503PRCRZ Datasheet HTML 3Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 4Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 5Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 6Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 7Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 8Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 9Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 10Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Functional Diagram
+
DIFF
AMP
+
OP
AMP
LOOP
MONITORING
RING
CONTROL
2-WIRE
LOOP
SECONDARY
PROTECTION
LINE
DRIVERS
TIP
RING
VB-
VB-
PD
POWER DENIAL
RP
RING
RS
RF
BG
TF
TIP
RD
RC
RS
RING SYNC
RING COMMAND
RING
TRIP
SHD
TX
TRANSMIT
OUTPUT
OUT
+IN
-IN
RX
RECEIVE
INPUT
SLIC MICROCIRCUIT
1/2 RING
RELAY
VB-
RING
VOLTAGE
RFS
1/2 RING
RELAY
RS
SWITCH HOOK
DETECTION
-1
+1
BATTERY
FEED
LOOP
CURRENT
LIMITER
RP
RS: 100Ω; 1/2W to 2W depending on surge requirements
RP:50Ω; 1/2W to 2W depending on surge requirements
HC5503PRC


Similar Part No. - HC5503PRCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRCRZ INTERSIL-HC5503PRCRZ Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRCRZ RENESAS-HC5503PRCRZ Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCRZ96 INTERSIL-HC5503PRCRZ96 Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRCRZ96 RENESAS-HC5503PRCRZ96 Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
More results

Similar Description - HC5503PRCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
   Low Cost SLIC For Large Telecom Switches
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
   Multifunction Telecom Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com