Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5503PRCBZ96 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC5503PRCBZ96
Description  Low Cost SLIC For Large Telecom Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRCBZ96 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC5503PRCBZ96 Datasheet HTML 3Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 4Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 5Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 6Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 7Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 8Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 9Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 10Page - Intersil Corporation HC5503PRCBZ96 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
HC5503PRC
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm
(0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch)
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
α
M24.3 (JEDEC MS-013-AD ISSUE C)
24 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0926
0.1043
2.35
2.65
-
A1
0.0040
0.0118
0.10
0.30
-
B
0.013
0.020
0.33
0.51
9
C
0.0091
0.0125
0.23
0.32
-
D
0.5985
0.6141
15.20
15.60
3
E
0.2914
0.2992
7.40
7.60
4
e
0.05 BSC
1.27 BSC
-
H
0.394
0.419
10.00
10.65
-
h
0.010
0.029
0.25
0.75
5
L
0.016
0.050
0.40
1.27
6
N24
24
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - HC5503PRCBZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRCBZ96 INTERSIL-HC5503PRCBZ96 Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRCBZ96 RENESAS-HC5503PRCBZ96 Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
More results

Similar Description - HC5503PRCBZ96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
   Low Cost SLIC For Large Telecom Switches
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
   Multifunction Telecom Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com