Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6021A Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6021A
Description  Advanced PWM and Triple Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021A Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6021A Datasheet HTML 1Page - Intersil Corporation HIP6021A Datasheet HTML 2Page - Intersil Corporation HIP6021A Datasheet HTML 3Page - Intersil Corporation HIP6021A Datasheet HTML 4Page - Intersil Corporation HIP6021A Datasheet HTML 5Page - Intersil Corporation HIP6021A Datasheet HTML 6Page - Intersil Corporation HIP6021A Datasheet HTML 7Page - Intersil Corporation HIP6021A Datasheet HTML 8Page - Intersil Corporation HIP6021A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Simplified Power System Diagram
Typical Application
PWM
+5VIN
VOUT1
Q1
Q2
Q3
VOUT2
Q4
VOUT3
VOUT4
LINEAR
LINEAR
LINEAR
HIP6021A
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
+3.3VIN
Q5
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
VOUT1
PGND
VSEN1
PGOOD
LGATE
UGATE
OCSET
PHASE
Q1
Q2
POWERGOOD
FB
COMP
1.3V TO 3.5V
SELECT
DRIVE2
Q3
VSEN2
DRIVE3
VSEN3
VSEN4
COUT4
1.5V
1.8V
COUT3
COUT2
CIN
COUT1
Q4
LOUT1
HIP6021A
VOUT2
VOUT3
VOUT4
1.5V OR 3.3VIN
FAULT / RT
CSS
Q5
+3.3VIN
TYPEDET
LIN
DRIVE4
VAUX
FIX
HIP6021A


Similar Part No. - HIP6021A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results

Similar Description - HIP6021A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com