Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55150 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC55150
Description  Low Power Universal SLIC Family
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55150 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC55150 Datasheet HTML 2Page - Intersil Corporation HC55150 Datasheet HTML 3Page - Intersil Corporation HC55150 Datasheet HTML 4Page - Intersil Corporation HC55150 Datasheet HTML 5Page - Intersil Corporation HC55150 Datasheet HTML 6Page - Intersil Corporation HC55150 Datasheet HTML 7Page - Intersil Corporation HC55150 Datasheet HTML 8Page - Intersil Corporation HC55150 Datasheet HTML 9Page - Intersil Corporation HC55150 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
OFF-HOOK LONGITUDINAL BALANCE
MIN
MIN
MIN
MIN
MIN
MIN
Longitudinal to Metallic (Note 7)
Forward and Reverse
IEEE 455 - 1985, RLR, RLT = 368Ω
Normal Polarity:
Forward
Only
Forward
Only
0.2kHz < f < 1.0kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
1.0kHz < f < 3.4kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
0.2kHz < f < 1.0kHz, -40°C to 85°C
-
-
-
dB
NA
53
63
63
63
NA
1.0kHz < f < 3.4kHz, -40°C to 85°C
-
-
-
dB
NA
53
58
58
58
NA
Reverse Polarity 0.2kHz < f < 3.4kHz,
(Figure 4)
-
-
-
dB
NA
53
NA
58
58
55
MIN
MIN
MIN
MIN
MIN
MIN
Longitudinal to Metallic (Note 7)
Forward and Reverse
RLR, RLT = 300Ω,
Normal Polarity:
Forward
Only
Forward
Only
0.2kHz < f < 1.0kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
1.0kHz < f < 3.4kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
0.2kHz < f < 1.0kHz, -40°C to 85°C
-
-
-
dB
NA
53
63
63
63
NA
1.0kHz < f < 3.4kHz, -40°C to 85°C
-
-
-
dB
NA
53
58
58
58
NA
Reverse Polarity 0.2kHz < f < 3.4kHz,
(Figure 4)
-
-
-
dB
NA
53
NA
58
58
55
MIN
MIN
MIN
MIN
MIN
MIN
Longitudinal to 4-Wire (Note 9)
(Forward and Reverse)
Normal Polarity:
Forward
Only
Forward
Only
0.2kHz < f < 1.0kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
61
1.0kHz < f < 3.4kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
61
0.2kHz < f < 1.0kHz, -40°C to 85°C
-
-
-
dB
NA
53
63
63
63
NA
1.0kHz < f < 3.4kHz, -40°C to 85°C
-
-
-
dB
NA
53
58
58
58
NA
Reverse Polarity 0.2kHz < f < 3.4kHz,
(Figure 4)
-
-
dB
NA
53
NA
58
58
61
Metallic to Longitudinal (Note 10)
Forward and Reverse
FCC Part 68, Para 68.310 (Note 8)
0.2kHz < f < 3.4kHz, (Figure 5)
40
50
-
dB
Forward
Only
Forward
Only
•••
4-Wire to Longitudinal (Note 11)
Forward and Reverse
0.2kHz < f < 3.4kHz, (Figure 5)
40
-
-
dB
Forward
Only
Forward
Only
•••
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0Ω, ZT = 120kΩ, RLIM = 38.3kΩ, RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ, CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1


Similar Part No. - HC55150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55150 INTERSIL-HC55150 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Renesas Technology Corp
HC55150 RENESAS-HC55150 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55150CB INTERSIL-HC55150CB Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Renesas Technology Corp
HC55150CB RENESAS-HC55150CB Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
HC55150CBZ RENESAS-HC55150CBZ Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
More results

Similar Description - HC55150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com