Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7006-SC_0608 Datasheet(PDF) 6 Page - Mimix Broadband

Part No. CGB7006-SC_0608
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7006-SC_0608 Datasheet(HTML) 6 Page - Mimix Broadband

  CGB7006-SC_0608 Datasheet HTML 1Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 2Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 3Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 4Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 5Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 6Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 7Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7006-SC (-BD)
Application Circuit
2
RF IN
Vs
RF OUT
C1
C2
Note: This schematic represents the topology of the application circuit recommended by Mimix.
L1
R Bias = (Vs - Vd) / Id
4
3
1
Vd
R1
C3
Recommended Bias Resistor Values for ID = 63 mA
Supply Voltage (V)
7V
8V
10V 12V
Rbias (R1 Description: 1206 1/4W 1%) 31
47
78
——
Rbias (R1 Description: 1210 1/2W 1%)
Note: Rbias provides DC bias stability over temperature.
110
Ref Designator
Value
Description
Size
C1, C2
1000 pF
MCH185A101JK
0805
C3
1.0 F
VITR 1.0 F 25V CER
0805
CAP 0805 X7R 10%
L1
56 nH
Coilcraft 0603 CS 10%
0603
0
1
2
1
/
6
0
2
1
d
I
/
)
d
V
-
s
V
(
=
s
a
i
B
R
1
R
A
/
N
)
e
c
a
l
P
t
o
N
o
D
(
P
N
D
4
C
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
August 2006 - Rev 31-Aug-06
MIMIX


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AG503-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
AG602-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
LX5514 InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1  2  Microsemi Corporation
NGA-589 DC-5.5 GHZ CASCADABLE INGAP/GAAS HBT MMIC AMPLIFIER 1  2  3  4  5  SIRENZA MICRODEVICES
AG603-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
AG604-86-RFID InGaP HBT Gain Block 1  2  3  4  5  WJ Communication. Inc.
SNA-200S DC-6.5 GHz Cascadable GaAs HBT MMIC Amplifier 1  2  3  SIRENZA MICRODEVICES
AG604-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
SNA-286 DC-6.0 GHz Cascadable GaAs MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
RMPA2458_059 2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn