Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7006-SC_0608 Datasheet(PDF) 5 Page - Mimix Broadband

Part No. CGB7006-SC_0608
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7006-SC_0608 Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7006-SC_0608 Datasheet HTML 1Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 2Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 3Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 4Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 5Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 6Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 7Page - Mimix Broadband CGB7006-SC_0608 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7006-SC (-BD)
Typical Scattering Parameters
(Vd = +5.08V, Icc = 62 mA, T = 23°C, device in a 50 ohm system)
Frequency
S
11
S
21
S
12
S
22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.298
94.52
4.88
-56.50
0.189
-103.0
0.265
119.00
5200
0.304
87.85
4.89
-61.36
0.192
-106.0
0.271
111.70
5300
0.312
80.74
4.89
-66.39
0.196
-109.2
0.280
103.90
5400
0.321
73.09
4.89
-71.54
0.199
-112.5
0.289
95.56
5500
0.331
65.45
4.89
-76.72
0.202
-115.9
0.298
87.18
5600
0.343
58.07
4.88
-81.88
0.205
-119.5
0.310
79.10
5700
0.356
50.40
4.88
-87.26
0.208
-123.0
0.325
71.06
5800
0.370
42.60
4.87
-92.77
0.211
-126.8
0.341
62.28
5900
0.384
34.37
4.84
-98.37
0.213
-130.8
0.359
53.49
6000
0.4.00
26.43
4.81
-104.00
0.215
-134.6
0.378
45.11
6100
0.418
18.66
4.77
-109.60
0.216
-138.6
0.400
36.81
6200
0.435
11.03
4.72
-115.40
0.217
-142.6
0.423
28.76
6300
0.452
3.33
4.66
-121.20
0.218
-146.8
0.446
20.96
6400
0.470
-4.49
4.59
-127.00
0.218
-151.0
0.472
13.18
6500
0.488
-12.03
4.50
-132.90
0.217
-155.2
0.496
5.55
6600
0.506
-19.24
4.40
-138.70
0.215
-159.4
0.521
-1.78
6700
0.523
-26.11
4.30
-144.50
0.214
-163.5
0.545
-8.68
6800
0.537-32.99
4.19
-150.30
0.211
-167.7
0.569
-15.38
6900
0.551
-39.84
4.08
-156.00
0.208
-171.8
0.592
-21.94
7000
0.565
-46.61
3.95
-161.70
0.205
-175.9
0.614
-28.48
7100
0.577
-52.933.81
-167.20
0.200
-179.8
0.634-34.66
7200
0.587
-58.95
3.68
-172.70
0.196
176.3
0.652
-40.64
7300
0.595
-64.82
3.55
-178.00
0.192
172.5
0.668
-46.24
7400
0.602
-70.70
3.42
176.70
0.187
168.8
0.684
-51.69
7500
0.608
-76.42
3.28
171.60
0.182
165.2
0.699
-57.04
7600
0.615
-81.75
3.14
166.60
0.177
161.9
0.712
-62.18
7700
0.619
-86.78
3.01
161.70
0.172
158.6
0.723
-67.01
7800
0.620
-91.54
2.89
157.10
0.167
155.5
0.733
-71.58
7900
0.621
-96.31
2.77
152.40
0.163
152.4
0.741
-75.96
8000
0.620
-101.10
2.65
147.80
0.158
149.6
0.749
-80.18
8100
0.622
-105.60
2.54
143.40
0.154
146.6
0.757
-84.30
8200
0.621
-109.60
2.42
139.20
0.149
143.9
0.764
-88.24
8300
0.618
-113.50
2.32135.00
0.145
141.4
0.769
-91.84
8400
0.614
-117.30
2.23
131.00
0.141
138.8
0.773
-95.36
8500
0.609
-121.30
2.14
126.90
0.137136.5
0.777
-98.78
8600
0.605
-125.20
2.05
122.90
0.133
133.9
0.781
-102.10
8700
0.602
-128.80
1.97
119.10
0.130131.7
0.784
-105.30
8800
0.596
-132.00
1.89
115.30
0.126
129.6
0.787
-108.40
8900
0.588
-135.30
1.81
111.50
0.123
127.4
0.788
-111.30
9000
0.580
-138.80
1.75
107.80
0.121
125.4
0.789
-114.10
9100
0.573
-142.40
1.68
104.10
0.118
123.3
0.790
-116.90
9200
0.566
-145.70
1.61
100.40
0.115
121.1
0.792
-119.60
9300
0.559
-148.70
1.55
96.82
0.112
119.2
0.793
-122.30
9400
0.549
-151.50
1.50
93.27
0.110
117.2
0.795
-124.90
9500
0.539
-154.60
1.44
89.72
0.108
115.4
0.794
-127.30
9600
0.528
-157.90
1.39
86.22
0.106
113.5
0.794
-129.80
9700
0.520
-161.00
1.34
82.65
0.104
111.5
0.795
-132.20
9800
0.512
-163.70
1.29
79.26
0.102
109.8
0.795
-134.50
9900
0.501
-166.10
1.24
75.89
0.100
108.0
0.795
-136.70
10000
0.487
-168.60
1.20
72.49
0.098
106.5
0.795
-138.90
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
August 2006 - Rev 31-Aug-06


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AG503-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
AG602-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
LX5514 InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1  2  Microsemi Corporation
NGA-589 DC-5.5 GHZ CASCADABLE INGAP/GAAS HBT MMIC AMPLIFIER 1  2  3  4  5  SIRENZA MICRODEVICES
AG603-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
AG604-86-RFID InGaP HBT Gain Block 1  2  3  4  5  WJ Communication. Inc.
SNA-200S DC-6.5 GHz Cascadable GaAs HBT MMIC Amplifier 1  2  3  SIRENZA MICRODEVICES
AG604-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
SNA-286 DC-6.0 GHz Cascadable GaAs MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
RMPA2458_059 2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn