Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1617 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. NE1617
Description  Temperature monitor for microprocessor systems
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1617 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
NE1617
Temperature monitor for microprocessor systems
1999 Mar 19
4
TYPICAL OPERATING CIRCUIT
215
14
12
11
10
6
7
8
SHIELDED
TWISTED PAIR
(NOTE 1)
REMOTE SENSOR
3
4
C1
(NOTE 2)
0.1
µF
VDD
CLOCK
DATA
MICROCONTROLLER
INTERRUPT
10K
10K
10K
SL01203
NE1617
NOTES:
1. May be required if remote diode is in a noisy environment and/or several feet from the NE1617.
2. May be required in noisy environment. Up to 2200pF may be used.
Figure 2. Typical operating circuit
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
MAX.
UNIT
VDD to GND
–0.3
+6
V
D+, ADD0, ADD1
–0.3
VDD+0.3
V
D– to GND
–0.3
+0.8
V
SCLK, SDATA, ALERT, STBY
–0.3
+6
V
Input current SDATA
–1
+50
mA
D– current
±1
mA
Operating temperature range
0
+120
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65
+150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn