Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1617 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. NE1617
Description  Temperature monitor for microprocessor systems
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1617 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
NE1617
Temperature monitor for microprocessor systems
1999 Mar 19
6
SMBUS INTERFACE AC SPECIFICATIONS
VDD = 3.0V to 3.6V; Tamb = 0_C to +125_C unless otherwise noted.
These specifications are guaranteed by design and not tested in production.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Logic input high voltage for STBY, SCLK, SDATA
VDD=3V to 5.5V
2.2
V
VIL
Logic input low voltage for STBY, SCLK, SDATA
VDD=3v to 5.5V
0.8
V
IOL
Logic output low sink current for
ALERT
SDATA
VOL= 0.4V
VOL=0.6V
1.0
6.0
mA
mA
IIH & IIL
Logic input current
VIN=VDD or GND
–1.0
1.0
µA
CIN
SMBus input capacitance for SCLK,SDATA
5
pF
fSCLK
SCLK operating frequency
See Figure 3
0
100
kHz
tLOW
SCLK low time
See Figure 3
4.7
5.0
µS
tHIGH
SCLK high time
See Figure 3
4.0
5.0
µS
tBUF
SMBus free time.
Delay from SDA stop to SDA start
See Figure 3
4.7
µS
tHD:STA
Hold time of start condition.
Delay from SDA start to first SCL H–L
See Figure 3
4.0
µS
tHD:DAT
Hold time of data.
Delay from SCL H–L to SDA edges
See Figure 3
0
ns
tSU:DAT
Setup time of data.
Delay from SDA edges to SCL L–H
See Figure 3
250
ns
tSU:STA
Setup time of repeat start condition.
Delay from SCL L–H to restart SDA
See Figure 3
250
ns
tSU:STO
Setup time of stop condition.
Delay from SCL L–H to SDA stop.
See Figure 3
4.0
µS
tF
Fall time of SCL & SDA
See Figure 3
1.0
µS
tBUF
P
S
SCLK
SDATA
SL01204
tHD:STA
SP
tLOW
tR
tF
tHD:STA
tHD:DAT
tHIGH
tSU:DAT
tSU:STA
tSU:STO
Figure 3. Timing Measurements
NOTE:
The NE1617 does not include the SMBUS timeout capability (tLOW:SEXT and tLOW:MEXT).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn