Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6501AEVAL1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6501AEVAL1
Description  Triple Linear Power Controller with ACPI Control Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6501AEVAL1 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6501AEVAL1 Datasheet HTML 1Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 2Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 3Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 4Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 5Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 6Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 7Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 8Page - Intersil Corporation HIP6501AEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN4749.6
December 30, 2004
Functional Pin Description
5VSB (Pin 1)
Provide a 5V bias supply for the IC to this pin by connecting
it to the ATX 5VSB output. This pin also provides the base
bias current for all the external NPN transistors controlled by
the IC. The voltage at this pin is monitored for power-on
reset (POR) purposes.
GND (Pin 8)
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
S3 and S5 (Pins 6 and 7)
These pins switch the IC’s operating state from active (S0,
S1) to S3 and S4/S5 sleep states. Connect S3 to SLP_S3
and S5 to SLP_S5. These are digital inputs featuring internal
70k
Ω (typical) resistor pull-ups to 5VSB. Internal circuitry de-
glitches the S3 pin for disturbances. Additional circuitry
blocks any illegal state transitions (such as S3 to S4/S5 or
vice versa). When entering an S4/S5 sleep state, the S3
signal is allowed to go low as far as 200
µs (typically) ahead
of the S5 signal.
EN3VDL and EN5VDL (Pins 2 and 5)
These pins control the logic governing the output behavior in
response to S3 and S4/S5 requests. These are digital inputs
whose status can only be changed during active states
operation or during chip shutdown (SS pin grounded by
external open-drain device). The input information is
latched-in when entering a sleep state, as well as following
5VSB POR release or exit from shutdown.
FAULT/MSEL (Pin 9)
This is a multiplexed function pin allowing the setting of the
memory output voltage to either 2.5V or 3.3V (for RDRAM or
SDRAM memory systems). The memory voltage setting is
latched-in 3ms (typically) after 5VSB POR release. In case
of an under-voltage on any of the outputs or an over-
temperature event, this pin is used to report the fault
condition by being pulled to 5VSB.
SS (Pin 13)
Connect a small ceramic capacitor (allowable range: 5nF-
0.22
µF; 0.1µF recommended) from this pin to GND. The
internal Soft-Start (SS) current source along with the
external capacitor creates a voltage ramp used to control the
ramp-up of the output voltages. Pulling this pin low with an
open-drain device shuts down all the outputs as well as
5VDUAL SWITCH CONTROLLER (VOUT3)
5VDL Under-Voltage Rising Threshold
-
3.750
-
V
5VDL Under-Voltage Hysteresis
-
260
-
mV
5VDLSB Output Drive Current
I5VDLSB
5VDLSB = 4V
-20
-
-40
mA
5VDLSB Pull-up Impedance to 5VSB
-
350
-
TIMING INTERVALS
Active State Assessment Past 12V
Threshold
Note 2
40
50
60
ms
Maximum Allowable S3 to S5 Skew
-
200
-
µs
5VSB POR Extension Past Threshold
Voltage
-3.3
-
ms
CONTROL I/O (S3, S5, EN3VDL, EN5VDL, FAULT)
High Level Threshold
--
2.2V
Low Level Threshold
0.8
-
-
V
S3,S5 Internal Pull-up Impedance to 5VSB
-
70
-
k
FAULT Output Impedance
FAULT = high
-
100
-
FAULT Under-Voltage Reporting Delay
-10
-
µs
TEMPERATURE MONITOR
Fault-Level Threshold
Note 3
125
-
-
°C
Shutdown-Level Threshold
Note 3
-
150
-
°C
NOTES:
2. Guaranteed by Correlation.
3. Guaranteed by Design.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP6501A


Similar Part No. - HIP6501AEVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6501AEVAL1 RENESAS-HIP6501AEVAL1 Datasheet
668Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
More results

Similar Description - HIP6501AEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6501A INTERSIL-HIP6501A Datasheet
140Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6501A RENESAS-HIP6501A Datasheet
668Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com