Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5025EVAL Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA5025EVAL
Description  Triple, 560MHz, Low Power, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5025EVAL Datasheet(HTML) 3 Page - Intersil Corporation

  HA5025EVAL Datasheet HTML 1Page - Intersil Corporation HA5025EVAL Datasheet HTML 2Page - Intersil Corporation HA5025EVAL Datasheet HTML 3Page - Intersil Corporation HA5025EVAL Datasheet HTML 4Page - Intersil Corporation HA5025EVAL Datasheet HTML 5Page - Intersil Corporation HA5025EVAL Datasheet HTML 6Page - Intersil Corporation HA5025EVAL Datasheet HTML 7Page - Intersil Corporation HA5025EVAL Datasheet HTML 8Page - Intersil Corporation HA5025EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Inverting Input Bias Current
Power Supply Sensitivity
∆V
PS = ±1.8V
A
25
-
2
5
µA/V
∆VPS = ±1.8V
A
85
-
4
8
µA/V
∆VPS = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Resistance
C
25
-
60
-
Input Capacitance
B
25
-
1.4
-
pF
Input Voltage Common Mode Range
(Implied by VIO CMRR, +RIN, and -IBIAS
CMS Tests)
A
25, 85
±1.8
±2.4
-
V
A
-40
±1.2
±1.7
-
V
Input Noise Voltage Density
f = 100kHz
B
25
-
3.5
-
nV/
√Hz
Non-Inverting Input Noise Current Density
f = 100kHz
B
25
-
2.5
-
pA/
√Hz
Inverting Input Noise Current Density
f = 100kHz
B
25
-
20
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain
C
25
-
500
-
k
AC CHARACTERISTICS (Note 3)
-3dB Bandwidth
(VOUT = 0.2VP-P, Notes 3, 5)
AV = +1
B
25
-
375
-
MHz
AV = -1
B
25
-
420
-
MHz
AV = +2
B
25
-
560
-
MHz
Full Power Bandwidth
(VOUT = 5VP-P, Notes 3, 5)
AV = +1
B
25
-
160
-
MHz
AV = -1
B
25
-
260
-
MHz
AV = +2
B
25
-
165
-
MHz
Gain Flatness
(VOUT = 0.2VP-P, Notes 3, 5)
AV = +1, To 25MHz
B
25
-
±0.03
-
dB
AV = +1, To 50MHz
B
25
-
±0.03
-
dB
AV = +1, To 100MHz
B
25
-
±0.07
-
dB
AV = -1, To 25MHz
B
25
-
±0.03
-
dB
AV = -1, To 50MHz
B
25
-
±0.04
-
dB
AV = -1, To 100MHz
B
25
-
±0.09
-
dB
AV = +2, To 25MHz
B
25
-
±0.03
-
dB
AV = +2, To 50MHz
B
25
-
±0.03
-
dB
AV = +2, To 100MHz
B
25
-
±0.07
-
dB
Minimum Stable Gain
A
Full
-
1
-
V/V
Crosstalk
(AV = +1, All Channels Hostile,
Note 5)
5MHz
B
25
-
-60
-
dB
10MHz
B
25
-
-56
-
dB
OUTPUT CHARACTERISTICS AV = +2 (Note 3), Unless Otherwise Specified
Output Voltage Swing
(Note 5)
AV = -1, RL = 100Ω
A
25
±3
±3.4
-
V
A
Full
±2.8
±3
-
V
Output Current
(Note 5)
AV = -1, RL = 50Ω
A
25, 85
50
60
-
mA
A
-40
28
42
-
mA
Output Short Circuit Current
B
25
-
90
-
mA
Closed Loop Output Impedance
B
25
-
0.2
-
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 4)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1305


Similar Part No. - HA5025EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5025EVAL INTERSIL-HA5025EVAL Datasheet
175Kb / 14P
   Triple, 125MHz Video Amplifier
September 1998
logo
Renesas Technology Corp
HA5025EVAL RENESAS-HA5025EVAL Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HA5025EVAL INTERSIL-HA5025EVAL Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
Renesas Technology Corp
HA5025EVAL RENESAS-HA5025EVAL Datasheet
738Kb / 13P
   Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
Intersil Corporation
HA5025EVAL INTERSIL-HA5025EVAL Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
More results

Similar Description - HA5025EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com