Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6020A Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HIP6020A
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020A Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6020A_01 Datasheet HTML 1Page - Intersil Corporation HIP6020A_01 Datasheet HTML 2Page - Intersil Corporation HIP6020A_01 Datasheet HTML 3Page - Intersil Corporation HIP6020A_01 Datasheet HTML 4Page - Intersil Corporation HIP6020A_01 Datasheet HTML 5Page - Intersil Corporation HIP6020A_01 Datasheet HTML 6Page - Intersil Corporation HIP6020A_01 Datasheet HTML 7Page - Intersil Corporation HIP6020A_01 Datasheet HTML 8Page - Intersil Corporation HIP6020A_01 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. .+15V
PGOOD, RT/FAULT, DRIVE, PHASE, and
GATE Voltage . . . . . . ... .. .. .. .. .. GND - 0.3V to VCC +0.3V
Input, Output or I/O Voltage . .. .. .. .. .. .. .. .. . GND -0.3Vto 7V
ESD Classification .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. Class 1
Recommended Operating Conditions
Supply Voltage, VCC .. ... .. .. .. .. .. .. .. .. .. ... . +12V ±10%
Ambient Temperature Range . .. .. .. .. .. .. .. .. ... 0oCto 70oC
Junction Temperature Range.. .. .. .. .. .. .. .. .. . 0oCto 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . .. .. ... .. .. .. .. .. .. .. .. .. ..
70
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
ICC
UGATE1, LGATE1, UGATE2, DRIVE3, and
DRIVE4 Open
-9
-
mA
POWER-ON RESET
Rising VCC Threshold
VOCSET =4.5V
-
-
10.4
V
Falling VCC Threshold
VOCSET =4.5V
8.2
-
-
V
Rising VAUX Threshold
VOCSET =4.5V
-
2.5
-
V
VAUX Threshold Hysteresis
VOCSET =4.5V
-
0.5
-
V
Rising VOCSET1 Threshold
-1.26
-
V
OSCILLATOR
Free Running Frequency
FOSC
RT = OPEN
185
200
215
kHz
Total Variation
6k
Ω <RTto GND <200kΩ
-15
-
+15
%
Ramp Amplitude
∆VOSC
RT = Open
-
1.9
-
VP-P
DAC AND STANDARD BUCK REGULATOR REFERENCE
DAC(VID0-VID4) Input Low Voltage
0.8
V
DAC(VID0-VID4) Input High Voltage
2.0
V
DACOUT Voltage Accuracy
-1.0
-
+1.0
%
PWM2 Reference Voltage
SELECT < 0.8V
-
1.5
-
V
PWM2 Reference Voltage Tolerance
-3
-
%
LINEAR REGULATORS (VOUT3 AND VOUT4)
Regulation
-3
-
%
FB3 Regulation Voltage
VREG3
-1.5
-
V
FB4 Regulation Voltage
VREG4
-1.8
-
V
FB3,4 Under-Voltage Level
FBUV
FB Rising
-
75
-
%
FB3,4 Under-Voltage Hysteresis
7%
Output Drive Current
VAUX-VDRIVE >0.6V
20
40
-
mA
HIP6020A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn