Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1305 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1305
Description  Triple, 560MHz, Low Power, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1305 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1305_04 Datasheet HTML 1Page - Intersil Corporation HFA1305_04 Datasheet HTML 2Page - Intersil Corporation HFA1305_04 Datasheet HTML 3Page - Intersil Corporation HFA1305_04 Datasheet HTML 4Page - Intersil Corporation HFA1305_04 Datasheet HTML 5Page - Intersil Corporation HFA1305_04 Datasheet HTML 6Page - Intersil Corporation HFA1305_04 Datasheet HTML 7Page - Intersil Corporation HFA1305_04 Datasheet HTML 8Page - Intersil Corporation HFA1305_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN4727.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HFA1305
Triple, 560MHz, Low Power, Video
Operational Amplifier
The HFA1305 is a triple, high speed, low power current
feedback amplifier built with Intersil’s proprietary
complementary bipolar UHF-1 process.
These amplifiers deliver up to 560MHz bandwidth and
2500V/
µs slew rate, on only 58mW of quiescent power. They
are specifically designed to meet the performance, power,
and cost requirements of high volume video applications.
The excellent gain flatness and differential gain/phase
performance make these amplifiers well suited for
component or composite video applications. Video
performance is maintained even when driving a double
terminated cable (RL = 150Ω), and degrades only slightly
when driving two double terminated cables (RL = 75Ω). RGB
applications will benefit from the high slew rates, and high
full power bandwidth.
The HFA1305 is a pin compatible, low power, high
performance upgrade for the popular Intersil HA5013, and
for the AD8073 and CLC5623, in
±5V applications.
Features
• Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1M
• Wide -3dB Bandwidth (AV = +2). . . . . . . . . . . . . . 560MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . . 2500V/
µs
• Gain Flatness (to 50MHz)
. . . . . . . . . . . . . . . . . . . . . ±0.03dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase . . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• All Hostile Crosstalk (5MHz) . . . . . . . . . . . . . . . . . . -60dB
• Pin Compatible Upgrade to HA5013, AD8073 and
CLC5623 in
±5V Supply Applications.
Applications
• Flash A/D Drivers
• Professional Video Processing
• Video Digitizing Boards/Systems
• Computer Video Plug-In Boards
•RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• High Speed Oscilloscopes and Analyzers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinout
HFA1305 (SOIC)
TOP VIEW
Part # Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA1305IB
-40 to 85
14 Ld SOIC
M14.15
HA5025EVAL (Note)
High Speed Op Amp SOIC Evaluation
Board
NOTE: Requires a SOIC-to-DIP adapter. See “Evaluation Board”
section inside.
NC
NC
NC
V+
+IN 1
-IN 1
OUT 1
OUT 3
-IN 3
+IN 3
V-
+IN 2
-IN 2
OUT 2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-
-
-
Data Sheet
June 2004
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT
conta
ct our
Techn
ical Su
pport
Cente
r at
1-888-
INTER
SIL or
www.i
ntersi
l.com/
tsc


Similar Part No. - HFA1305_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305IB INTERSIL-HFA1305IB Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305IB RENESAS-HFA1305IB Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
More results

Similar Description - HFA1305_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com