Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F010B-90EF Datasheet(PDF) 4 Page - SPANSION

Part # AM29F010B-90EF
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F010B-90EF Datasheet(HTML) 4 Page - SPANSION

  AM29F010B-90EF Datasheet HTML 1Page - SPANSION AM29F010B-90EF Datasheet HTML 2Page - SPANSION AM29F010B-90EF Datasheet HTML 3Page - SPANSION AM29F010B-90EF Datasheet HTML 4Page - SPANSION AM29F010B-90EF Datasheet HTML 5Page - SPANSION AM29F010B-90EF Datasheet HTML 6Page - SPANSION AM29F010B-90EF Datasheet HTML 7Page - SPANSION AM29F010B-90EF Datasheet HTML 8Page - SPANSION AM29F010B-90EF Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
2
Am29F010B
Am29F010B_00_C7 October 31, 2006
D A TA
SH EE T
GENERAL DESCRIPTION
The Am29F010B is a 1 Mbit, 5.0 Volt-only Flash
memory organized as 131,072 bytes. The Am29F010B
is offered in 32-pin PDIP, PLCC and TSOP packages.
The byte-wide data appears on DQ0-DQ7. The de-
vice is designed to be programmed in-system with the
standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not
required for program or erase operations. The device can
also be programmed or erased in standard EPROM
programmers.
This device is manufactured using AMD’s 0.32 µm pro-
cess technology, and offers all the features and benefits
of the Am29F010 and Am29F010A.
The standard device offers access times of 45, 55, 70,
90, and 120 ns, allowing high-speed microprocessors
to operate without wait states. To eliminate bus conten-
tion the device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
The device requires only a single 5.0 volt power sup-
ply for both read and write functions. Internally
generated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state machine that
controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed
for the programming and erase operations. Reading
data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program
command sequence. This invokes the Embedded Pro-
gr am algo r i th m—an int e r n al alg o r i t h m t hat
automatically times the program pulse widths and
verifies proper cell margin.
Device erasure occurs by executing the erase com-
mand sequence. This invokes the Embedded Erase
algorithm—an internal algorithm that automatically
preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready
to read array data or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is erased
when shipped from the factory.
The hardware data protection measures include a
low VCC detector automatically inhibits write operations
during power transitions. The hardware sector protec-
tion feature disables both program and erase operations
in any combination of the sectors of memory, and is im-
plemented using standard EPROM programmers.
The system can place the device into the standby mode.
Power consumption is greatly reduced in this mode.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce the
high est leve ls of qua lity, reliability, an d cost
effectiveness. The device electrically erases all bits
within a sector simultaneously via Fowler-Nordheim
tunneling. The bytes are programmed one byte at a
time using the EPROM programming mechanism of hot
electron injection.


Similar Part No. - AM29F010B-90EF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010B-70PC AMD-AM29F010B-70PC Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - AM29F010B-90EF

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F010B FORCE-FT29F010B Datasheet
2Mb / 30P
   1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
logo
Advanced Micro Devices
AMD29F010B AMD-AMD29F010B Datasheet
779Kb / 34P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com