Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6021 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HIP6021
Description  Advanced PWM and Triple Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6021_05 Datasheet HTML 1Page - Intersil Corporation HIP6021_05 Datasheet HTML 2Page - Intersil Corporation HIP6021_05 Datasheet HTML 3Page - Intersil Corporation HIP6021_05 Datasheet HTML 4Page - Intersil Corporation HIP6021_05 Datasheet HTML 5Page - Intersil Corporation HIP6021_05 Datasheet HTML 6Page - Intersil Corporation HIP6021_05 Datasheet HTML 7Page - Intersil Corporation HIP6021_05 Datasheet HTML 8Page - Intersil Corporation HIP6021_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15V
PGOOD, RT/FAULT, DRIVE, PHASE,
and GATE Voltage . . . . . . . . . . . . . . . GND - 0.3V to VCC + 0.3V
Input, Output or I/O Voltage . . . . . . . . . . . . . . . . . . GND -0.3V to 7V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
ICC
UGATE, LGATE, DRIVE2, DRIVE3, and
DRIVE4 Open
-9-
mA
POWER-ON RESET
Rising VCC Threshold
VOCSET = 4.5V
-
-
10.4
V
Falling VCC Threshold
VOCSET = 4.5V
8.2
-
-
V
Rising VAUX Threshold
VOCSET = 4.5V
-
2.5
-
V
VAUX Threshold Hysteresis
VOCSET = 4.5V
-
0.5
-
V
Rising VOCSET Threshold
-1.26-
V
OSCILLATOR
Free Running Frequency
FOSC
RT = OPEN
185
200
215
kHz
Total Variation
6k
Ω < RT to GND < 200kΩ
-15
-
+15
%
Ramp Amplitude
∆VOSC
RT = Open
-
1.9
-
VP-P
DAC AND BANDGAP REFERENCE
DAC(VID0-VID4) Input Low Voltage
--
0.8V
DAC(VID0-VID4) Input High Voltage
2.0
-
-
V
DACOUT Voltage Accuracy
-1.0
-
+1.0
%
Bandgap Reference Voltage
VBG
-
1.265
-
V
Bandgap Reference Tolerance
-2.5
-
+2.5
%
LINEAR REGULATORS (OUT2, OUT3, AND OUT4)
Regulation (All Linears)
-3-
%
VSEN2 Regulation Voltage
VREG2
SELECT < 0.8V
-
1.5
-
V
VSEN2 Regulation Voltage
VREG2
SELECT > 2.0V
-
3.3
-
V
VSEN3 Regulation Voltage
VREG3
-1.5
-
V
VSEN4 Regulation Voltage
VREG4
-1.8
-
V
Under-Voltage Level (VSEN/VREG)
VSENUV
VSEN Rising
-
75
-
%
Under-Voltage Hysteresis (VSEN/VREG)
VSEN Falling
-
7
-
%
Output Drive Current (All Linears)
VAUX-VDRIVE > 0.6V
20
40
-
mA
HIP6021


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL