Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6019B Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6019B
Description  Advanced Dual PWM and Dual Linear Power Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019B Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6019B_05 Datasheet HTML 1Page - Intersil Corporation HIP6019B_05 Datasheet HTML 2Page - Intersil Corporation HIP6019B_05 Datasheet HTML 3Page - Intersil Corporation HIP6019B_05 Datasheet HTML 4Page - Intersil Corporation HIP6019B_05 Datasheet HTML 5Page - Intersil Corporation HIP6019B_05 Datasheet HTML 6Page - Intersil Corporation HIP6019B_05 Datasheet HTML 7Page - Intersil Corporation HIP6019B_05 Datasheet HTML 8Page - Intersil Corporation HIP6019B_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN4587.1
April 13, 2005
PWM CONTROLLER ERROR AMPLIFIERS
DC Gain
-88
-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
PWM CONTROLLER GATE DRIVERS
Drive1 (and 2) Source
IUGATE
VCC = 12V, VUGATE1 (or VGATE2) = 6V
-
1
-
A
Drive1 (and 2) Sink
RUGATE
VGATE-PHASE = 1V
-
1.7
3.5
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 1V
-
1
-
A
Lower Gate Sink
RLGATE
VGATE = 1V
-
1.4
3.0
PROTECTION
VOUT1 Over-Voltage Trip
VSEN1 Rising
112
115
118
%
VOUT2 Over-Voltage Trip
VSEN2 Rising
4.1
4.3
4.5
V
VSEN2 Input Resistance
-70
-
k
FAULT Sourcing Current
IOVP
VFAULT/RT = 10.0V
10
14
-
mA
OCSET1(and 2) Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS
-11
-
µA
Chip Shutdown Soft-Start Threshold
--
1.0
V
POWER GOOD
VOUT1 Upper Threshold
VSEN1 Rising
108
-
110
%
VOUT1 Under-Voltage
VSEN1 Rising
92
-
94
%
VOUT1 Hysteresis
Upper/Lower Threshold
-
2
-
%
VOUT2 Under-Voltage
VSEN2 Rising
2.45
2.55
2.65
V
VOUT2 Under-Voltage Hysteresis
-
100
-
mV
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.5
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 4. RT RESISTANCE vs FREQUENCY
FIGURE 5. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
CGATE = 660pF
CGATE = 1500pF
CGATE = 3600pF
CGATE = 4800pF
SWITCHING FREQUENCY (kHz)
20
40
140
120
100
80
60
100
200
300
400
500
600
700
800
900
1000
CUGATE1 = CUGATE2 = CLGATE1 = CGATE
VVCC = 12V, VIN = 5V
HIP6019B


Similar Part No. - HIP6019B_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019BCB INTERSIL-HIP6019BCB Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019BCB RENESAS-HIP6019BCB Datasheet
770Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6019BCBZ RENESAS-HIP6019BCBZ Datasheet
770Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
More results

Similar Description - HIP6019B_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com