Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ245SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVQ245SC
Description  Low Voltage Octal Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ245SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVQ245SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ245SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ245SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ245SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ245SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ245SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
2.7
2.0
9.0
14.0
2.0
15.0
ns
tPLH
3.3
± 0.3
2.0
7.5
10.0
2.0
10.5
tPZL
Output Enable Time
2.7
3.0
10.2
18.3
3.0
19.0
ns
tPZH
3.3
± 0.3
3.0
8.5
13.0
3.0
13.5
tPHZ
Output Disable Time
2.7
1.0
10.2
20.4
1.0
21.0
ns
tPLZ
3.3
± 0.3
1.0
8.5
14.5
1.0
15.0
tOSHL
Output to Output
2.7
1.0
1.5
1.5
ns
tOSLH
Skew (Note 9)
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CI/O
Input/Output Capacitance
15
pF
VCC = 3.3V
CPD (Note 10)
Power Dissipation Capacitance
67
pF
VCC = 3.3V


Similar Part No. - 74LVQ245SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ245SC FAIRCHILD-74LVQ245SC Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVQ245SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com