Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LVQ74
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVQ74_01 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ74_01 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ74_01 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ74_01 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ74_01 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ74_01 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
2.7
50
100
40
MHz
Frequency
3.3
± 0.3
100
125
95
tPLH
Propagation Delay
2.7
3.5
9.6
16.9
3.5
19.0
ns
CDn or SDn to Qn
3.3
± 0.3
3.5
8.0
12.0
2.5
13.0
tPHL
Propagation Delay
2.7
4.0
12.6
16.9
3.5
19.0
ns
CDn or SDn to Qn
3.3
± 0.3
4.0
10.5
12.0
3.5
13.5
tPLH
Propagation Delay
2.7
4.5
9.6
19.0
4.0
23.0
ns
CPn to Qn or Qn
3.3
± 0.3
4.5
8.0
13.5
4.0
16.0
tPHL
Propagation Delay
2.7
3.5
9.6
19.7
3.5
21.0
ns
CPn to Qn or Qn
3.3
± 0.3
3.5
8.0
14.0
3.5
14.5
tOSHL
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Typ
Guaranteed Minimum
tS
Set-up Time, HIGH or LOW
2.7
1.8
5.0
6.5
ns
3.3
± 0.3
1.5
4.0
4.5
tH
Hold Time, HIGH or LOW
2.7
−2.4
0.5
0.5
ns
Dn to CPn
3.3
± 0.3
−2.0
0.5
0.5
tW
Pulse Width
2.7
3.6
7.0
10.0
ns
3.3
± 0.3
3.0
5.5
7.0
tREC
Recovery Time
2.7
−3.0
0
0
ns
3.3
± 0.3
−2.5
0
0
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
25
pF
VCC = 3.3V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn