Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM49LV6408M Datasheet(PDF) 6 Page - SPANSION

Part No. AM49LV6408M
Description  Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPANSION [SPANSION]
Homepage  http://www.spansion.com
Logo 

AM49LV6408M Datasheet(HTML) 6 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
4
Am49LV6408M
November 5, 2003
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
MCP BLOCK DIAGRAM
Family Part Number
Am49LV6408M
Flash Memory
pSRAM
Speed Option
Standard Voltage Range: VCC = 2.7–3.3 V
10, 15
11
15
10, 11
Max Access Time (ns)
100
110
55
70
Max. CE# Access (ns)
100
110
55
70
Max. Page Access Time (tPACC)35
40
N/A
N/A
OE# Access (ns)
35
40
30
35
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#ps
VSS
VCCf
RY/BY#
LB#ps
UB#ps
WP#/ACC
CE2ps
8 M Bit
pseudo
Static RAM
64 M Bit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
A21 to A0
A0 to A19
A18 to A0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM41LV3204MStacked Multi-chip Package MCP 32 Mbit 4 M x 8 bit/2 M x 16-bit Flash Memory and 4 Mbit 512K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL6404GStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreSPANSION
AM49BDS640AHStacked Multichip Package MCP Flash Memory and pSRAM CMOS 1.8 Volt-only Simultaneous Read/Write 1 2 3 4 5 MoreSPANSION
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL6404G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL16X2DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3228D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL16X4D16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM49PDL640AG64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreSPANSION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn