Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55180DIM Datasheet(PDF) 8 Page - Intersil Corporation

Part # HC55180DIM
Description  Extended Reach Ringing SLIC Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180DIM Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HC55180DIM Datasheet HTML 4Page - Intersil Corporation HC55180DIM Datasheet HTML 5Page - Intersil Corporation HC55180DIM Datasheet HTML 6Page - Intersil Corporation HC55180DIM Datasheet HTML 7Page - Intersil Corporation HC55180DIM Datasheet HTML 8Page - Intersil Corporation HC55180DIM Datasheet HTML 9Page - Intersil Corporation HC55180DIM Datasheet HTML 10Page - Intersil Corporation HC55180DIM Datasheet HTML 11Page - Intersil Corporation HC55180DIM Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Low Power Standby
(Note 2)
VB = -85V
-
52
-
VBH = -85V
-
52
75
VBH = -75V
-
46
70
mW
VB = -100V
-
59
-
VBH = -100V
-
59
80
(Note 9)
-
-
-
mW
Ringing
(Note 2)
VB = -85V
-
190
-
VBH = -85V
-
190
300
VBH = -75V
-
170
275
mW
VB = -100V
-
220
-
VBH = -100V
-
220
325
(Note 9)
-
-
-
mW
OFF HOOK POWER DISSIPATION (Notes 5, 17)
Forward or Reverse
VB = -24V
-
290
-
VBL = -24V
-
290
310
VBL = -24V
-
280
310
mW
NOTES:
7. The HC55180 does not provide battery switch operation. Therefore all battery voltage references will be made to VB. VB is the voltage applied to the common connection of the device VBL
and VBH pins. See the HC55180 Basic Application Circuit.
8. Ringing Voltage is measured with VRS = 0.839 VRMS for -100V devices, VRS = 0.707 VRMS for -85V devices and VRS = 0.619 VRMS for -75V devices. All measurements are at T = 25°C.
9. The HC55183 and HC55184 devices are specified with a single high battery voltage grade.
10. The device represents a low output impedance during ringing. Therefore the voltage across the ringing load is determined by the voltage divider formed by the protection resistance, loop
resistance and ringing load impedance.
11. The HC55180, HC55183 and HC55184 are specified with a single longitudinal balance grade.
12. Longitudinal Balance is tested per IEEE455-1985, with 368
Ω per Tip and Ring Terminal.
13. These parameters are tested 100% at room temperature. These parameters are guaranteed not tested across temperature via statistical characterization.
14. The HC55180, HC55183 and HC55184 do not support uncommitted switch operation.
15. The HC55183 and HC55184 do not support the Forward Loopback operating mode.
16. The HC55183 and HC55184 do not support the Tip Open operating mode.
17. The power dissipation numbers are actual device measurements and will be less than worse case calculations based on data sheet supply current limits.
18. Characterized with 2 x 10
µs, and 10 x 1000µs first level lightning surge waveforms (GR-1089-CORE).
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to 70°C for the HC55183, 184 only, all others -40°C to 85°C, VBL = -24V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz.
Protection resistors = 0
Ω. (Continued)
PARAMETER
HC55180 (NOTE 7)
HC55181
HC55183, HC55184
UNITS
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX


Similar Part No. - HC55180DIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180DIM INTERSIL-HC55180DIM Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
More results

Similar Description - HC55180DIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com