Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55180DIM Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC55180DIM
Description  Extended Reach Ringing SLIC Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180DIM Datasheet(HTML) 5 Page - Intersil Corporation

  HC55180DIM Datasheet HTML 1Page - Intersil Corporation HC55180DIM Datasheet HTML 2Page - Intersil Corporation HC55180DIM Datasheet HTML 3Page - Intersil Corporation HC55180DIM Datasheet HTML 4Page - Intersil Corporation HC55180DIM Datasheet HTML 5Page - Intersil Corporation HC55180DIM Datasheet HTML 6Page - Intersil Corporation HC55180DIM Datasheet HTML 7Page - Intersil Corporation HC55180DIM Datasheet HTML 8Page - Intersil Corporation HC55180DIM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
DC PARAMETERS (Note 6)
Loop Current Limit Programming Range (Note 5)
Max Low Battery = -52V
15
-
45
mA
Loop Current During Low Power Standby
Forward polarity only.
18
-
26
mA
LOOP DETECTORS AND SUPERVISORY FUNCTIONS
Switch Hook Programming Range
5-
15
mA
Switch Hook Programming Accuracy
Assumes 1% external programming resistor
-
± 2
± 10
%
Dial Pulse Distortion
-1.0
-
%
Ring Trip Comparator Threshold
2.4
2.7
3.0
V
Ring Trip Programming Current Accuracy
-
-
± 10
%
Ground Key Threshold
-12-
mA
Thermal Alarm Output
IC junction temperature
-
175
-
°C
LOGIC INPUTS (F0, F1, F2, E0, SWC, BSEL)
Input Low Voltage
--
0.8
V
Input High Voltage
2.0
-
-
V
Input Low Current
VIL = 0.4V
-20
-
-
µA
Input High Current
VIH = 2.4V
-
-
5
µA
LOGIC OUTPUTS (DET, ALM)
Output Low Voltage
IOL = 5mA
-
-
0.4
V
Output High Voltage
IOH = 100µA2.4
-
-
V
POWER SUPPLY REJECTION RATIO
VCC to 2-Wire
f = 300Hz
-
40
-
dB
f = 1kHz
-
35
-
dB
f = 3.4kHz
-
28
-
dB
VCC to 4-Wire
f = 300Hz
-
45
-
dB
f = 1kHz
-
43
-
dB
f = 3.4kHz
-
33
-
dB
VBL to 2-Wire
300Hz
≤ f ≤ 3.4kHz
-
30
-
dB
VBL to 4-Wire
300Hz
≤ f ≤ 3.4kHz
-
35
-
dB
VBH to 2-Wire
300Hz
≤ f ≤ 3.4kHz
-
33
-
dB
VBH to 4-Wire
300Hz
≤ f ≤ 1kHz
-
40
-
dB
1kHz
< f ≤ 3.4kHz
-
45
-
dB
NOTES:
2. These parameters are specified at high battery operation. For the HC55180 the external supply is set to high battery voltage, for the HC55181,
HC55183 and HC55184, BSEL = 1.
3. These parameters are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial
design release and upon design changes which would affect these characteristics.
4. Differential Ringing Gain is measured with VRS = 0.795 VRMS for -100V devices, VRS = 0.663 VRMS for -85V devices and VRS = 0.575 VRMS
for -75V devices.
5. These parameters are specified at low battery operation. For the HC55180, the external supply is set to low battery voltage, for the HC55181,
HC55183 and HC55184, BSEL = 0.
6. Forward Active and Reverse Active performance is guaranteed for the HC55180, HC55181 and HC55184 devices only. The HC55183 is
specified for Forward Active operation only.
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to 70°C for the HC55183, 184 only, all others -40°C to 85°C, VBL = -24V,
VBH = -100V, -85V or -75V, VCC = +5V, AGND = BGND = 0V, loop current limit = 25mA. All AC Parameters are
specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection
resistors = 0
Ω. These parameters apply generically to each product offering. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55180, HC55181, HC55183, HC55184


Similar Part No. - HC55180DIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180DIM INTERSIL-HC55180DIM Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
More results

Similar Description - HC55180DIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com