Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74F112 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74F112
Description  Dual JK Negative Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74F112 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
V
Min
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All other pins grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All other pins grounded
IIL
Input LOW Current
−0.6
VIN = 0.5V (Jn, Kn)
−2.4
mA
Max
VIN = 0.5V (CPn)
−3.0
VIN = 0.5V (CDn, SDn)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
12
19
mA
Max
VO = HIGH
ICCL
Power Supply Current
12
19
mA
Max
VO = LOW


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn