Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ16374MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACTQ16374MTD
Description  16-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16374MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ16374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
r 0.5V.
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
r 0.5V.
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
5.0
71
67
MHz
tPLH
Propagation Delay
5.0
3.1
5.3
7.9
3.1
8.4
ns
tPHL
CP to On
3.0
5.1
7.3
3.0
7.8
tPZH
Output Enable Time
5.0
2.5
4.7
7.4
2.5
7.9
ns
tPZL
3.0
5.4
8.0
2.0
8.5
tPHZ
Output Disable Time
5.0
2.1
5.1
7.9
2.1
8.2
ns
tPLZ
2.0
4.8
7.4
2.0
7.9
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Typ
Guaranteed Limits
tS
Setup Time, HIGH or LOW
5.0
0.7
3.0
3.0
ns
Input to Clock
tH
Hold Time, HIGH or LOW
5.0
0.8
1.0
1.0
ns
Input to Clock
tW
CP Pulse Width,
5.0
1.5
5.0
5.0
ns
HIGH or LOW


Similar Part No. - 74ACTQ16374MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16374MTD FAIRCHILD-74ACTQ16374MTD Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ16374MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com