Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC32 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ALVC32
Description  Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC32 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ALVC32_05 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC32_05 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC32_05 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC32_05 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC32_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2. Variable Matrix
(Input Characteristics: f
1MHz; tr tf 2ns; Z0 50:)
FIGURE 2. Waveform for Inverting and Non-inverting Functions
Symbol
Parameter
TA 40qC to 85qC, RL 500:
Units
CL 50 pF
CL 30 pF
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
VCC 1.8V r 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay
1.0
2.8
2.9
1.0
3.1
1.0
4.7
ns
Symbol
Parameter
Conditions
TA 25qC
Units
VCC
Typical
CIN
Input Capacitance
VI 0V or VCC
3.3
4
pF
CPD
Power Dissipation Capacitance
f
10 MHz, CL 50 pF
3.3
26
pF
2.5
24
1.8
23
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL