Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6004A Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6004A
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004A Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6004A Datasheet HTML 1Page - Intersil Corporation HIP6004A Datasheet HTML 2Page - Intersil Corporation HIP6004A Datasheet HTML 3Page - Intersil Corporation HIP6004A Datasheet HTML 4Page - Intersil Corporation HIP6004A Datasheet HTML 5Page - Intersil Corporation HIP6004A Datasheet HTML 6Page - Intersil Corporation HIP6004A Datasheet HTML 7Page - Intersil Corporation HIP6004A Datasheet HTML 8Page - Intersil Corporation HIP6004A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Typical Application
Block Diagram
+12V
+VOUT
PGND
HIP6004A
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
SS
PGOOD
D/A
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
VIN = +5V OR +12V
OVP
MONITOR AND
PROTECTION
+
-
+
-
VID4
TTL D/A
CONVERTER
(DAC)
OSCILLATOR
SOFT-
START
REFERENCE
POWER-ON
RESET (POR)
115%
110%
90%
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
PGOOD
SS
PWM
OVP
RT
GND
VSEN
OCSET
VID0
VID1
VID2
VID3
FB
COMP
DACOUT
OVER-
VOLTAGE
OVER-
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
PHASE
200
µA
10
µA
4V
+
-
+
-
+
-
+
-
+
-
+
-
VID4
LGATE
PGND
HIP6004A


Similar Part No. - HIP6004A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004A RENESAS-HIP6004A Datasheet
815Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
logo
Intersil Corporation
HIP6004ACB INTERSIL-HIP6004ACB Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004ACB RENESAS-HIP6004ACB Datasheet
815Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
More results

Similar Description - HIP6004A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
   Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com