Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6004A Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6004A
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6004A_02 Datasheet HTML 5Page - Intersil Corporation HIP6004A_02 Datasheet HTML 6Page - Intersil Corporation HIP6004A_02 Datasheet HTML 7Page - Intersil Corporation HIP6004A_02 Datasheet HTML 8Page - Intersil Corporation HIP6004A_02 Datasheet HTML 9Page - Intersil Corporation HIP6004A_02 Datasheet HTML 10Page - Intersil Corporation HIP6004A_02 Datasheet HTML 11Page - Intersil Corporation HIP6004A_02 Datasheet HTML 12Page - Intersil Corporation HIP6004A_02 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Schottky Selection
Rectifier D2 is a clamp that catches the negative inductor
swing during the dead time between turning off the lower
MOSFET and turning on the upper MOSFET. The diode
must be a Schottky type to prevent the lossy parasitic
MOSFET body diode from conducting.
It is acceptable to omit the diode and let the body diode of
the lower MOSFET clamp the negative inductor swing, but
efficiency will drop one or two percent as a result. The
diode's rated reverse breakdown voltage must be greater
than the maximum input voltage
+12V
PGND
HIP6004A
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR LESS
NOTE:
NOTE:
VG-S VCC
Q1
Q2
+
-
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
VG-S VCC -5V
D2
HIP6004A


Similar Part No. - HIP6004A_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ACB INTERSIL-HIP6004ACB Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004ACB RENESAS-HIP6004ACB Datasheet
815Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
More results

Similar Description - HIP6004A_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
   Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com