Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6013CB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6013CB
Description  Buck Pulse-Width Modulator (PWM) Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6013CB Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6013CB Datasheet HTML 1Page - Intersil Corporation HIP6013CB Datasheet HTML 2Page - Intersil Corporation HIP6013CB Datasheet HTML 3Page - Intersil Corporation HIP6013CB Datasheet HTML 4Page - Intersil Corporation HIP6013CB Datasheet HTML 5Page - Intersil Corporation HIP6013CB Datasheet HTML 6Page - Intersil Corporation HIP6013CB Datasheet HTML 7Page - Intersil Corporation HIP6013CB Datasheet HTML 8Page - Intersil Corporation HIP6013CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
4325.1
November 3, 2005
Functional Description
Initialization
The HIP6013 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary.
The Power-On Reset (POR) function continually monitors
the input supply voltages and the enable (EN) pin. The POR
monitors the bias voltage at the VCC pin and the input
voltage (VIN) on the OCSET pin. The level on OCSET is
equal to VIN less a fixed voltage drop (see over-current
protection). With the EN pin held to VCC, the POR function
initiates soft start operation after both input supply voltages
exceed their POR thresholds. For operation with a single
+12V power source, VIN and VCC are equivalent and the
+12V power source must exceed the rising VCC threshold
before POR initiates operation.
The Power-On Reset (POR) function inhibits operation with
the chip disabled (EN pin low). With both input supplies
above their POR thresholds, transitioning the EN pin high
initiates a soft start interval.
Soft Start
The POR function initiates the soft start sequence. An
internal 10
µA current source charges an external capacitor
(CSS) on the SS pin to 4V. Soft start clamps the error
amplifier output (COMP pin) and reference input (+ terminal
of error amp) to the SS pin voltage. Figure 3 shows the soft
start interval with CSS = 0.1µF. Initially the clamp on the error
amplifier (COMP pin) controls the converter’s output voltage.
At t1 in Figure 3, the SS voltage reaches the valley of the
oscillator’s triangle wave. The oscillator’s triangular
waveform is compared to the ramping error amplifier voltage.
This generates PHASE pulses of increasing width that
charge the output capacitor(s). This interval of increasing
pulse width continues to t2. With sufficient output voltage,
the clamp on the reference input controls the output voltage.
This is the interval between t2 and t3 in Figure 3. At t3 the
SS voltage exceeds the reference voltage and the output
voltage is in regulation. This method provides a rapid and
controlled output voltage rise.
Over-Current Protection
The over-current function protects the converter from a
shorted output by using the upper MOSFET’s on-resistance,
rDS(ON) to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a
current sensing resistor.
The over-current function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the over-current trip level. An internal 200
µA
(typical) current sink develops a voltage across ROCSET that
is reference to VIN. When the voltage across the upper
MOSFET (also referenced to VIN) exceeds the voltage
across ROCSET, the over-current function initiates a soft-
start sequence. The soft-start function discharges CSS with
a 10
µA current sink and inhibits PWM operation. The soft-
start function recharges CSS, and PWM operation resumes
with the error amplifier clamped to the SS voltage. Should an
overload occur while recharging CSS, the soft start function
inhibits PWM operation while fully charging CSS to 4V to
complete its cycle. Figure 4 shows this operation with an
overload condition. Note that the inductor current increases
to over 15A during the CSS charging interval and causes an
over-current trip. The converter dissipates very little power
with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
TIME (5ms/DIV)
SOFT-START
(1V/DIV)
0V
0V
t1
t2
t3
OUTPUT
(1V/DIV)
VOLTAGE
FIGURE 3. SOFT-START INTERVAL
HIP6013


Similar Part No. - HIP6013CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6013CB INTERSIL-HIP6013CB Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013CB RENESAS-HIP6013CB Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013CBZ RENESAS-HIP6013CBZ Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6013CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com