Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6012 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6012
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6012 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6012_04 Datasheet HTML 1Page - Intersil Corporation HIP6012_04 Datasheet HTML 2Page - Intersil Corporation HIP6012_04 Datasheet HTML 3Page - Intersil Corporation HIP6012_04 Datasheet HTML 4Page - Intersil Corporation HIP6012_04 Datasheet HTML 5Page - Intersil Corporation HIP6012_04 Datasheet HTML 6Page - Intersil Corporation HIP6012_04 Datasheet HTML 7Page - Intersil Corporation HIP6012_04 Datasheet HTML 8Page - Intersil Corporation HIP6012_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN4324.2
December 27, 2004
Typical Application
Block Diagram
12V
+VO
PGND
HIP6012
RT
FB
COMP
SS
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
+5V OR +12V
PVCC
+12V
MONITOR AND
PROTECTION
REF
+
-
+
-
OSCILLATOR
SOFT-
START
POWER-ON
RESET (POR)
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
SS
PWM
RT
GND
OCSET
FB
COMP
EN
1.27 VREF
OVER-
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
LGATE
PHASE
PGND
200
µA
PVCC
10
µA
4V
REFERENCE
+
-
+
-
+
-
HIP6012


Similar Part No. - HIP6012_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6012CB INTERSIL-HIP6012CB Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012CB INTERSIL-HIP6012CB Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6012CB RENESAS-HIP6012CB Datasheet
655Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012CB-T INTERSIL-HIP6012CB-T Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012CBZ INTERSIL-HIP6012CBZ Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6012_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com