Electronic Components Datasheet Search |
|
74ACTQ240SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74ACTQ240SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 11 page ©1989 Fairchild Semiconductor Corporation www.fairchildsemi.com 74ACQ240, 74ACTQ240 Rev. 1.6 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol Parameter Rating VCC Supply Voltage –0.5V to +7.0V IIK DC Input Diode Current VI = –0.5V VI = VCC + 0.5V –20mA +20mA VI DC Input Voltage –0.5V to VCC + 0.5V IOK DC Output Diode Current VO = –0.5V VO = VCC + 0.5V –20mA +20mA VO DC Output Voltage –0.5V to VCC + 0.5V IO DC Output Source or Sink Current ±50mA ICC or IGND DC VCC or Ground Current per Output Pin ±50mA TSTG Storage Temperature –65°C to +150°C DC Latch-Up Source or Sink Current ±300mA TJ Junction Temperature 140°C Symbol Parameter Rating VCC Supply Voltage ACQ ACTQ 2.0V to 6.0V 4.5V to 5.5V VI Input Voltage 0V to VCC VO Output Voltage 0V to VCC TA Operating Temperature –40°C to +85°C ∆V / ∆t Minimum Input Edge Rate, ACQ Devices: VIN from 30% to 70% of VCC, VCC @ 3.0V, 4.5V, 5.5V 125mV/ns ∆V / ∆t Minimum Input Edge Rate, ACTQ Devices: VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V 125mV/ns |
Similar Part No. - 74ACTQ240SJ |
|
Similar Description - 74ACTQ240SJ |