Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5515 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC5515
Description  ITU CO/PABX SLIC with Low Power Standby
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5515 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC5515_06 Datasheet HTML 5Page - Intersil Corporation HC5515_06 Datasheet HTML 6Page - Intersil Corporation HC5515_06 Datasheet HTML 7Page - Intersil Corporation HC5515_06 Datasheet HTML 8Page - Intersil Corporation HC5515_06 Datasheet HTML 9Page - Intersil Corporation HC5515_06 Datasheet HTML 10Page - Intersil Corporation HC5515_06 Datasheet HTML 11Page - Intersil Corporation HC5515_06 Datasheet HTML 12Page - Intersil Corporation HC5515_06 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN4235.6
June 6, 2006
Figure 14 shows the relationship between the saturation
guard voltage, the loop current and the loop resistance.
Notice from Figure 14 that for a loop resistance <1.2k
Ω (RSG
= 4.0k) the SLIC is operating in the constant current feed
region and for resistances >1.2k
Ω the SLIC is operating in
the resistive feed region. Operation in the resistive feed
region allows long loop and off-hook transmission by
keeping the tip and ring voltages off the rails. Operation in
this region is transparent to the customer.
The Saturation Guard circuit (Figure 12) monitors the tip to
ring voltage via the transconductance amplifier A1. A1
generates a current that is proportional to the tip to ring
voltage difference. I1 is internally set to sink all of A1’s
current until the tip to ring voltage exceeds 12.5V. When the
tip to ring voltage exceeds 12.5V (with no RSG resistor) A1
supplies more current than I1 can sink. When this happens
A2 amplifies its input current by a factor of 12 and the current
through R1 becomes the difference between I2 and the
output current from A2. As the current from A2 increases, the
voltage across R1 decreases and the output voltage on RDC
decreases. This results in a corresponding decrease in the
loop current. The RSG pin provides the ability to increase the
saturation guard reference voltage beyond 12.5V. Equation
3 gives the relationship between the RSG resistor value and
the programmable saturation guard reference voltage:
where:
VSGREF = Saturation Guard reference voltage, and
RSG = Saturation Guard programming resistor.
When the Saturation guard reference voltage is exceeded,
the tip to ring voltage is calculated using Equation 4:
where:
VTR = Voltage differential between tip and ring, and
RL = Loop resistance.
For on-hook transmission RL = ∞, Equation 4 reduces to:
The value of RSG should be calculated to allow maximum
loop length operation. This requires that the saturation guard
reference voltage be set as high as possible without clipping
the incoming or outgoing VF signal. A voltage margin of -4V
HC5515
VTX
RRX
RDC1
RDC2
CDC
R
SN
RDC
IRSN
TIP
RING
-2.5V
IRING
ITIP
A2
ITIP
IRING
RSG
RSG
-5V
LOOP CURRENT
CIRCUIT
SATURATION GUARD
CIRCUIT
A1
I1
I2
R1
+
-
+
-
+
-
+
-
FIGURE 12. DC LOOP CURRENT
-5V
-5V
17.3k
01.2K
-50
-40
-30
-20
-10
0
VBAT = -48V, IL = 23mA, RSG = 4.0kΩ
LOOP RESISTANCE (
Ω)
VTIP
VRING
RESISTIVE FEED
REGION
CONSTANT CURRENT
FEED REGION
SATURATION
GUARD VOLTAGE
SATURATION
GUARD VOLTAGE
FIGURE 13. VTR vs RL
0
10
20
30
0
10
20
30
40
50
LOOP CURRENT (mA)
VBAT = -24V, RSG =
VBAT = -48V, RSG = 4.0kΩ
SATURATION GUARD
RESISTIVE FEED
REGION
CONSTANT CURRENT
FEED REGION
RSG = 4.0kΩ
100k
100k
4k
1.5k
2k
700
<400
<1.2k
RL
RL
RSG =
VOLTAGE, VTR = 38V
SATURATION GUARD
VOLTAGE, VTR = 13V
FIGURE 14.
VTR vs IL and RL
V
SGREF
12.5
510
5
R
SG
17300
+
-----------------------------------
+
=
(EQ. 3)
V
TR
R
L
16.66
5
10
5
R
SG
17300
+
()
+
R
L
R
DC1
R
DC2
+
() 600
+
------------------------------------------------------------------------------------
×
=
(EQ. 4)
V
TR
16.66
510
5
R
SG
17300
+
-----------------------------------
+
=
(EQ. 5)
HC5515


Similar Part No. - HC5515_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55150 INTERSIL-HC55150 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55150 INTERSIL-HC55150 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
logo
Renesas Technology Corp
HC55150 RENESAS-HC55150 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55150CB INTERSIL-HC55150CB Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Renesas Technology Corp
HC55150CB RENESAS-HC55150CB Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
More results

Similar Description - HC5515_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com