Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68624 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PE-68624
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68624 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button PE-68624 Datasheet HTML 2Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 3Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 4Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 5Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 6Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 7Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 8Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 9Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
.190
4,83
.340
8,64
.075
1,90
1.50
3,81
.050
1,27
.030
0,76
MAX
.240
6,10
.290
7,37
MAX
Date Code
Rev
Country of Origin
T8055
MAX
.150
3,81
8X .035
0,89
8 SURFACES
.004 / 0,10
TYP
.050
1,27
8 Surfaces
.004/0,10
.345
8,76 MAX
.285
7,24
.100
2,54
8
5
1
4
B4003
Date Code
Country of Origin
MAX
.300
7,62
SUGGESTED PAD LAYOUT
MAX
.355
9,02
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
T8008
DATE CODE
COUNTRY OF ORIGIN
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
19X .050
1,27
40X .090
2,29
40X .030
0,77
.480
12,19
.050
1,27
19X .050 = .950
1,27
24,13
.004/0,10
40 Surfaces
.010
0,25
0° – 8°
40X .045
1,14
.230 MAX
5,84
.485
12,32
.360
9,14
0°-8°
T8003
Date Code Country of Origin
.450
11,43
.300
7,62
.020
MIN
0,51
TYP
.100
2,54
.210
5,335
.215
5,46
.004/0,10
8 Surfaces
.018
TYP
0,46
3 X
.265
6,73
.100
2,54
.340
8,64
.045
1,14
.300
7,62
.075
1,90
NOTE: The common mode test circuit for surface mount is the same as for through hole and is on the back page.
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . 0.84 grams
Tape & Reel . . . . . . . 750/reel
Tube . . . . . . . . . . . . . 100/tube
Weight . . . . . . . . . . 0.2 grams
Tape & Reel . . . . . . 1750/reel
Tube . . . . . . . . . . . . . . 80/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . 4.0 grams
Tape & Reel . . . . . . . 250/reel
Tube . . . . . . . . . . . . . . 15/tube
Weight . . . . . . . . . . 1.0 grams
Tape & Reel . . . . . . . 425/reel
Tube . . . . . . . . . . . . . . 50/tube
T8003
1
8
2
7
3
6
4
5
T8055
3
6
4
5
1
8
2
7
B4003
4
1
5
8
T8008
1
40
2
39
3
38
5
36
6
35
7
34
8
33
31
10
30
29
11
12
28
26
13
15
25
24
16
17
23
21
18
20
T8003
T8055
B4003
T8008
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
6
G002.K (5/09)
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic


Similar Part No. - PE-68624

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-68624

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-67539NL PULSE-PE-67539NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
PCA ELECTRONICS INC.
EPZ3063G PCA-EPZ3063G Datasheet
16Kb / 1P
   Common Mode Choke for LAN and Telecom Applications
logo
Bel Fuse Inc.
S555-5999-41 BEL-S555-5999-41 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
LTC0320-50R LINKCOM-LTC0320-50R Datasheet
92Kb / 2P
   Common Mode Chokes For DSL and Telecom Applications
LTC0397-50R LINKCOM-LTC0397-50R Datasheet
88Kb / 1P
   Common Mode Chokes For DSL and Telecom Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com