Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC74
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC74_05 Datasheet HTML 1Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 2Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 3Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 4Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 5Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 6Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 7Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 8Page - Fairchild Semiconductor 74AC74_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
¥ circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 4: All outputs loaded; thresholds on input associated with output under test.
Note 5: Maximum test duration 2.0 ms, one output loaded at a time.
Note 6: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
'V/'t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH
3.0
1.5
2.1
2.1
VOUT 0.1V
Level Input
4.5
2.25
3.15
3.15
V
or VCC  0.1V
Voltage
5.5
2.75
3.85
3.85
VIL
Maximum LOW
3.0
1.5
0.9
0.9
VOUT 0.1V
Level Input
4.5
2.25
1.35
1.35
V
or VCC  0.1V
Voltage
5.5
2.75
1.65
1.65
VOH
Minimum HIGH
3.0
2.99
2.9
2.9
Level Output
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
3.0
2.56
2.46
IOH 12 mA
4.5
3.86
3.76
V
IOH 24 m
5.5
4.86
4.76
IOH 24 m (Note 4)
VOL
Maximum LOW
3.0
0.002
0.1
0.1
Level Output
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
3.0
0.36
0.44
IOL 12 mA
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 4)
IIN (Note 6) Maximum Input Leakage Current
5.5
r 0.1
r 1.0
PAVI VCC, GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Maximum
IOHD
Output Current (Note 5)
5.5
75
mA
VOHD 3.85V Minimum
ICC
Maximum Quiescent
5.5
2.0
20.0
PA
VIN VCC
(Note 6)
Supply Current
or GND


Similar Part No. - 74AC74_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC74B STMICROELECTRONICS-74AC74B Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
74AC74M STMICROELECTRONICS-74AC74M Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
logo
Fairchild Semiconductor
74AC74MTC FAIRCHILD-74AC74MTC Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
STMicroelectronics
74AC74MTR STMICROELECTRONICS-74AC74MTR Datasheet
89Kb / 12P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74AC74PC FAIRCHILD-74AC74PC Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74AC74_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com