Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT373 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ABT373
Description  Octal Transparent Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT373_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT373 Rev. 1.4
5
DC Electrical Characteristics
SOIC package.
Notes:
4. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output at Low. Guaranteed, but not
tested.
5. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not
tested.
6. Max number of data inputs (n) switching. n – 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold
(VILD), 0V to threshold (VIHD). Guaranteed, but not tested.
AC Electrical Characteristics
SOIC and SSOP package.
Symbol
Parameter
VCC
Conditions
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
Units
VOLP
Quiet Output Maximum Dynamic
VOL
5.0
TA = 25°C
(4)
0.4
0.8
V
VOLV
Quiet Output Minimum Dynamic
VOL
5.0
TA = 25°C
(4)
–1.2
–0.8
V
VOHV
Minimum HIGH Level Dynamic
Output Voltage
5.0
TA = 25°C
(5)
2.5
3.0
V
VIHD
Minimum HIGH Level Dynamic
Input Voltage
5.0
TA = 25°C
(6)
2.0
1.7
V
VILD
Maximum LOW Level Dynamic
Input Voltage
5.0
TA = 25°C
(6)
0.9
0.6
V
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = –55°C to +125°C,
VCC = 4.5V to 5.5V,
CL = 50pF
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay
Dn to On
1.9
2.7
4.5
1.0
6.8
1.9
4.5
ns
tPHL
1.9
2.8
4.5
1.0
7.0
1.9
4.5
tPLH
Propagation Delay
LE to On
2.0
3.1
5.0
1.0
7.7
2.0
5.0
ns
tPHL
2.0
3.0
5.0
1.5
7.7
2.0
5.0
tPZH
Output Enable Time
1.5
3.1
5.3
1.0
6.7
1.5
5.3
ns
tPZL
1.5
3.1
5.3
1.5
7.2
1.5
5.3
tPHZ
Output Disable Time
2.0
3.6
5.4
1.7
8.0
2.0
5.4
ns
tPLZ
2.0
3.4
5.4
1.0
7.0
2.0
5.4


Similar Part No. - 74ABT373_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373AD PHILIPS-74ABT373AD Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373ADB PHILIPS-74ABT373ADB Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373AN PHILIPS-74ABT373AN Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373APW PHILIPS-74ABT373APW Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
More results

Similar Description - 74ABT373_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com