Electronic Components Datasheet Search |
|
AM29SL800DT90WCF Datasheet(PDF) 3 Page - Advanced Micro Devices |
|
AM29SL800DT90WCF Datasheet(HTML) 3 Page - Advanced Micro Devices |
3 / 46 page DATA SHEET This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 27546 Rev: A Amendment/6 Issue Date: January 23, 2007 Am29SL800D 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory DISTINCTIVE CHARACTERISTICS Single Power Supply Operation — 1.65 to 2.2 V for read, program, and erase operations — Ideal for battery-powered applications Manufactured on 0.23 µm Process Technology — Compatible with 0.32 µm Am29SL800C device High Performance — Access times as fast as 90 ns Ultra Low Power Consumption (Typical Values at 5 MHz) — 0.2 µA Automatic Sleep Mode current — 0.2 µA standby mode current — 5 mA read current — 15 mA program/erase current Flexible Sector Architecture — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbyte sectors (byte mode) — One 8 Kword, two 4 Kword, one 16 Kword, and fifteen 32 Kword sectors (word mode) — Supports full chip erase — Sector Protection Features: A hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked in-system or via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors Unlock Bypass Program Command — Reduces overall programming time when issuing multiple program command sequences Top or Bottom Boot Block Configurations Available Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses Minimum 1,000,000 Erase Cycle Guarantee Per Sector 20-Year Data Retention at 125 °C Package Option — 48-pin TSOP — 48-ball FBGA Compatibility with JEDEC Standards — Pinout and software compatible with single- power supply Flash — Superior inadvertent write protection Data# Polling and Toggle Bits — Provides a software method of detecting program or erase operation completion Ready/Busy# Pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion Erase Suspend/Erase Resume — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation Hardware Reset Pin (RESET#) — Hardware method to reset the device to reading array data |
Similar Part No. - AM29SL800DT90WCF |
|
Similar Description - AM29SL800DT90WCF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |