Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9115 Datasheet(PDF) 92 Page - SMSC Corporation

Part # LAN9115
Description  Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115 Datasheet(HTML) 92 Page - SMSC Corporation

Back Button LAN9115_05 Datasheet HTML 88Page - SMSC Corporation LAN9115_05 Datasheet HTML 89Page - SMSC Corporation LAN9115_05 Datasheet HTML 90Page - SMSC Corporation LAN9115_05 Datasheet HTML 91Page - SMSC Corporation LAN9115_05 Datasheet HTML 92Page - SMSC Corporation LAN9115_05 Datasheet HTML 93Page - SMSC Corporation LAN9115_05 Datasheet HTML 94Page - SMSC Corporation LAN9115_05 Datasheet HTML 95Page - SMSC Corporation LAN9115_05 Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 131 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
Revision 1.1 (05-17-05)
92
SMSC LAN9115
DATASHEET
5.3.22
AFC_CFG – Automatic Flow Control Configuration Register
This register configures the mechanism that controls both the automatic, and software-initiated
transmission of pause frames and back pressure.
Note: The LAN9115 will not transmit pause frames or assert back pressure if the transmitter is
disabled.
Offset:
ACh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
Reserved
RO
-
23:16
Automatic Flow Control High Level (AFC_HI). Specifies, in multiples of
64 bytes, the level at which flow control will trigger. When this limit is
reached the chip will apply back pressure or will transmit a pause frame as
programmed in bits [3:0] of this register.
During full-duplex operation only a single pause frame is transmitted when
this level is reached. The pause time transmitted in this frame is
programmed in the FCPT field of the FLOW register in the MAC CSR space.
During half-duplex operation each incoming frame that matches the criteria
in bits [3:0] of this register will be jammed for the period set in the
BACK_DUR field.
R/W
00h
15:8
Automatic Flow Control Low Level (AFC_LO). Specifies, in multiples of
64 bytes, the level at which a pause frame is transmitted with a pause time
setting of zero. When the amount of data in the RX data FIFO falls below
this level the pause frame is transmitted. A pause time value of zero
instructs the other transmitting device to immediately resume transmission.
The zero time pause frame will only be transmitted if the RX data FIFO had
reached the AFC_HI level and a pause frame was sent. A zero pause time
frame is sent whenever automatic flow control in enabled in bits [3:0] of this
register.
Note:
When automatic flow control is enabled the AFC_LO setting must
always be less than the AFC_HI setting.
R/W
00h
7:4
Backpressure Duration (BACK_DUR). When the LAN9115 automatically
asserts back pressure, it will be asserted for this period of time. This field
has no function and is not used in full-duplex mode. Please refer to
Table 5.5, describing Backpressure Duration bit mapping for more
information.
R/W
0h
3
Flow Control on Multicast Frame (FCMULT). When this bit is set, the
LAN9115 will assert back pressure when the AFC level is reached and a
multicast frame is received. This field has no function in full-duplex mode.
R/W
0
2
Flow Control on Broadcast Frame (FCBRD). When this bit is set, the
LAN9115 will assert back pressure when the AFC level is reached and a
broadcast frame is received. This field has no function in full-duplex mode.
R/W
0
1
Flow Control on Address Decode (FCADD). When this bit is set, the
LAN9115 will assert back pressure when the AFC level is reached and a
frame addressed to the LAN9115 is received. This field has no function in
full-duplex mode.
R/W
0


Similar Part No. - LAN9115_05

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results

Similar Description - LAN9115_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com