Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8187 Datasheet(PDF) 49 Page - SMSC Corporation

Part # LAN8187
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 45Page - SMSC Corporation LAN8187 Datasheet HTML 46Page - SMSC Corporation LAN8187 Datasheet HTML 47Page - SMSC Corporation LAN8187 Datasheet HTML 48Page - SMSC Corporation LAN8187 Datasheet HTML 49Page - SMSC Corporation LAN8187 Datasheet HTML 50Page - SMSC Corporation LAN8187 Datasheet HTML 51Page - SMSC Corporation LAN8187 Datasheet HTML 52Page - SMSC Corporation LAN8187 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
±15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
Datasheet
SMSC LAN8187/LAN8187I
49
Revision 1.0 (12-14-06)
DATASHEET
5.3
Interrupt Management
The Management interface supports an interrupt capability that is not a part of the IEEE 802.3
specification. It generates an active low asynchronous interrupt signal on the nINT output whenever
certain events are detected as setup by the Interrupt Mask Register 30.
The Interrupt system on the SMSC LAN8187/8187I has two modes, a Primary Interrupt mode and an
Alternative Interrupt mode. Both systems will assert the nINT pin low when the corresponding mask
bit is set, the difference is how they de-assert the output interrupt signal nINT.
The Primary interrupt mode is the default interrupt mode after a power-up or hard reset, the Alternative
interrupt mode would need to be setup again after a power-up or hard reset.
5.3.1
Primary Interrupt System
The Primary Interrupt system is the default interrupt mode, (Bit 17.6 = ‘0’). The Primary Interrupt
System is always selected after power-up or hard reset.
To set an interrupt, set the corresponding mask bit in the interrupt Mask register 30 (see Table 5.45).
Then when the event to assert nINT is true, the nINT output will be asserted.
When the corresponding Event to De-Assert nINT is true, then the nINT will be de-asserted.
Note: The ENERGYON bit 17.1 is defaulted to a ‘1’ at the start of the signal acquisition process,
therefore the Interrupt source flag 29.7 will also read as a ‘1’ at power-up. If no signal is
present, then both 17.1 and 29.7 wil clear within a few milliseconds.
5.3.2
Alternate Interrupt System
The Alternative method is enabled by writing a ‘1’ to 17.6 (ALTINT).
Table 5.45 Interrupt Management Table.
Mask
Interrupt Source Flag
Interrupt Source
Event to Assert nINT
Event to De-Assert nINT
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1a
a.
If the mask bit is enabled and nINT has been de-asserted while ENERGYON is still high, nINT will assert for
256 ms, approximately one second after ENERGYON goes low when the Cable is unplugged. To prevent an
unexpected assertion of nINT, the ENERGYON interrupt mask should always be cleared as part of the
ENERGYON interrupt service routine.
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotiation
complete
1.5
Auto-Negotiate
Complete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault Detected
1.4
Remote Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotiation LP
Achnowledge
5.14
Acknowledge
Rising 5.14
Falling 5.14 or
Read register 29
30.2
29.2
Parallel Detection Fault
6.4
Parallel Detection
Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29 or
Re-AutoNegotaite or
Link down
30.1
29.1
Auto-Negotiation Page
Received
6.1
Page Received
Rising 6.1
Falling of 6.1 or
Reading register 6, or
Reading register 29
Re-AutoNegotatie, or
Link Down.


Similar Part No. - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187 SMSC-LAN8187 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187-JT SMSC-LAN8187-JT Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187-JT SMSC-LAN8187-JT Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187I SMSC-LAN8187I Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
More results

Similar Description - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8700 SMSC-LAN8700 Datasheet
1,005Kb / 73P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
   Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com