Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8187 Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN8187
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 8Page - SMSC Corporation LAN8187 Datasheet HTML 9Page - SMSC Corporation LAN8187 Datasheet HTML 10Page - SMSC Corporation LAN8187 Datasheet HTML 11Page - SMSC Corporation LAN8187 Datasheet HTML 12Page - SMSC Corporation LAN8187 Datasheet HTML 13Page - SMSC Corporation LAN8187 Datasheet HTML 14Page - SMSC Corporation LAN8187 Datasheet HTML 15Page - SMSC Corporation LAN8187 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
±15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
Datasheet
SMSC LAN8187/LAN8187I
12
Revision 1.0 (12-14-06)
DATASHEET
Chapter 3 Pin Description
This chapter describes the signals on each pin. When a lower case “n” is used at the beginning of the
signal name, it indicates that the signal is active low. For example, nRST indicates that the reset signal
is active low.
3.1
I/O Signals
I
Input. Digital LVCMOS levels.
O
Output. Digital LVCMOS levels.
I/O
Input or Output. Digital LVCMOS levels.
Note: The digital signals are not 5V tolerant. They are variable voltage from +1.6V to +3.6V.
AI
Input. Analog levels.
AO
Output. Analog levels.
Table 3.1 MII Signals
SIGNAL NAME
TYPE
DESCRIPTION
TXD0
I
Transmit Data 0: Bit 0 of the 4 data bits that are accepted by
the PHY for transmission.
TXD1
I
Transmit Data 1: Bit 1 of the 4 data bits that are accepted by
the PHY for transmission.
TXD2
I
Transmit Data 2: Bit 2 of the 4 data bits that are accepted by
the PHY for transmission
Note:
This signal should be grounded in RMII Mode.
TXD3
I
Transmit Data 3: Bit 3 of the 4 data bits that are accepted by
the PHY for transmission.
Note:
This signal should be grounded in RMII Mode
nINT/
TX_ER/
TXD4
I/O
MII Transmit Error: When driven high, the 4B/5B encode
process substitutes the Transmit Error code-group (/H/) for the
encoded data word. This input is ignored in 10Base-T operation.
MII Transmit Data 4: In Symbol Interface (5B Decoding) mode,
this signal becomes the MII Transmit Data 4 line, the MSB of the
5-bit symbol code-group.
Notes:
This signal is not used in RMII Mode.
This signal is mux’d with nINT
See Section 4.10, "(TX_ER/TXD4)/nINT Strapping," on
page 31 for additional information on configuration/strapping
options.
TX_EN
I
Transmit Enable: Indicates that valid data is presented on the
TXD[3:0] signals, for transmission. In RMII Mode, only TXD[1:0]
have valid data.
TX_CLK
O
Transmit Clock: 25MHz in 100Base-TX mode. 2.5MHz in
10Base-T mode.
Note:
This signal is not used in RMII Mode


Similar Part No. - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187 SMSC-LAN8187 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187-JT SMSC-LAN8187-JT Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187-JT SMSC-LAN8187-JT Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187I SMSC-LAN8187I Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
More results

Similar Description - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8700 SMSC-LAN8700 Datasheet
1,005Kb / 73P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
   Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com