Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMC2300 Datasheet(PDF) 60 Page - SMSC Corporation

Part No. EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

EMC2300 Datasheet(HTML) 60 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
Revision 0.2 (06-14-06)
60
SMSC EMC2300
DATASHEET
When in Auto Fan Mode, the PWM will be assigned to a zone, and its PWM duty cycle will be
adjusted according to the temperature of that zone. If ‘Hottest’ option is selected (101 or 110), the
PWM will be controlled by the hottest of zones 2 and 3, or of zones 1, 2, and 3. If one of these
options is selected, the PWM is controlled by the limits and parameters for the zone that requires
the highest PWM duty cycle, as computed by the auto fan algorithm.
When in manual control mode, the PWMx Current Duty Cycle Registers (30h-32h) become
Read/Write. It is then possible to control the PWM outputs with software by writing to these
registers. See PWMx Current Duty Cycle Registers description.
When the fan is disabled (100) the corresponding PWM output is driven low (or high, if inverted).
When the fan is Full On (011) the corresponding PWM output is driven high (or low, if inverted).
Notes:
Zone 1 is controlled by Remote Diode 1 Temp Reading register
Zone 2 is controlled by Internal Temp Reading Register
Zone 3 is controlled by Remote Diode 2 Temp Reading register
Bit [4] PWM Invert
Bit [4] inverts the PWM output. If set to 1, 100% duty cycle will yield an output that is low for 255 clocks
and high for 1 clock. If set to 0, 100% duty cycle will yield an output that is high for 255 clocks and
low for 1 clock.
Bit [3] Reserved
Bits [2:0] Spin Up
Bits [2:0] specify the ‘spin up’ time for the fan. When a fan is being started from a stationary state, the
PWM output is held at 100% duty cycle for the time specified in Table 8.24, "Fan Spin-Up Register"
before scaling to a lower speed. Note: during spin-up, the PWM pin is forced high for the duration of
the spin-up time (i.e., 100% duty cycle = 256/256).
Note: To reduce the spin-up time, this device has implemented a feature referred to as Spin Up
Reduction. Spin Up Reduction uses feedback from the tachometers to determine when each
fan has started spinning properly. Spin up for a PWM will end when the tachometer reading
register is below the minimum limit, or the spin-up time expires, whichever comes first. All tachs
associated with a PWM must be below min. for spin-up to end prematurely. This feature can
be disabled by clearing bit 4 (SUREN) of the Configuration register (7Fh). If disabled, the all
fans go on full for the duration of their associated spin up time. Note that the Tachx minimum
registers must be programmed to a value less than FFFFh in order for the spin-up reduction
to work properly.
Table 8.23 Fan Zone Setting
ZON[7:5]
PWM CONFIGURATION
000
Fan on zone 1 auto
001
Fan on zone 2 auto
010
Fan on zone 3 auto
011
Fan always on full
100
Fan disabled
101
Fan controlled by hottest of zones 2,3
110
Fan controlled by hottest of zones 1,2,3
111
Fan manually controlled


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn