Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMC2300 Datasheet(PDF) 55 Page - SMSC Corporation

Part No. EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

EMC2300 Datasheet(HTML) 55 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
SMSC EMC2300
55
Revision 0.2 (06-14-06)
DATASHEET
8.2.8
Register 41h: Interrupt Status Register 1
Note 8.9
This register is cleared on a read if no events are active.
Note: The individual enable bits for D2, AMB, and D1 are located in the Interrupt Enable 3 (Temp)
register at offset 82h. The individual enable bits for, VCC, and Vccp, are located in the Interrupt
Enable 1 register at offset 7Eh.
The Interrupt Status Register 1 bits are automatically set by the device, if enabled, whenever the Vccp
input voltage violate the limits set in the limit and parameter registers or when the measured
temperature violates the limits set in the limit and parameter registers for any of the three thermal
inputs.
This register holds a bit set until the event is read by software or until the individual enable bit is
cleared (see Note below). The contents of this register are cleared (set to 0) automatically by the
EMC2300
after it is read by software, if the voltage or temperature no longer violates the limits set in
the limit and parameter registers. Once set, the Interrupt Status Register 1 bits remain set until a read
event occurs or until the individual enable bits is cleared, even if the voltage or temperature no longer
violate the limits set in the limit and parameter registers. Note that clearing the group Temp, Fan, or
Volt enable bits or the global INTEN enable bit has no effect on the status bits. See Registers 44-4Dh:
Voltage Limit Registers on page 57 and on page 58.
This register contains a bit that indicates that a bit is set in the other interrupt status register. If bit 7
is set, then a status bit is set in the Interrupt Status Register 2. Therefore, S/W can poll this register,
and only if bit 7 is set does the other register need to be read. This bit is cleared (set to 0) automatically
by the device if there are no bits set in Interrupt Status Registers 2.
This register is read only – a write to this register has no effect.
Note: Clearing the individual enable bits:
1. An interrupt status bit will never change from a 0 to a 1 when the corresponding individual interrupt
enable bit is cleared (set to 0), regardless of whether the limits are violated during a measurement.
2. If the individual enable bit is cleared while the associated status bit is 1, the status bit will be
cleared when the associated reading register is updated. The reading registers only get updated
when the START bit is set to ‘1’. If the enable bit is cleared when the START bit is 0, the associated
interrupt status bit will not be cleared until the start bit is set to 1 and the associated reading register
is updated.
Table 8.13 Register 41h: Interrupt Status Register 1
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
41h
R-C
(See
Note 8.9)
Interrupt Status 1
INT2
D2
AMB
D1
RES
VCC
Vccp
RES
00h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn