Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMC2300 Datasheet(PDF) 53 Page - SMSC Corporation

Part No. EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

EMC2300 Datasheet(HTML) 53 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
SMSC EMC2300
53
Revision 0.2 (06-14-06)
DATASHEET
8.2.5
Register 3Eh: Company ID
The Company ID register contains the company identification number. This number is a method for
uniquely identifying the part manufacturer.
This register is read only – a write to this register has no effect.
8.2.6
Register 3Fh: Version / Stepping
The four least significant bits of the Version / Stepping register [3:0] contain the current stepping of the
EMC2300
silicon. Stepping numbers are to begin from a value of 08h, to indicate that the register set
is enhanced from previous hardware monitoring standards. The four most significant bits [7:4] reflect
the version number, which will be fixed at 0110b. For the A0 stepping of this device, the register will
read 01101000b. For the A1 stepping, this register will read 01101001b and so on.
The register is used by application software to identify which device has been implemented in the given
system. Based on this information, software can determine which registers to read from and write to.
Further, application software may use the current stepping to implement work-arounds for bugs found
in a specific silicon stepping. This register is read only – a write to this register has no effect.
8.2.7
Register 40h: Ready/Lock/Start Monitoring
Setting the Lock bit makes the Lock bit read only.
Table 8.9 Register 3Eh: Company ID
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
3Eh
R
Company ID
7
6
5
4
3
2
1
0
5Ch
Table 8.10 Register 3Fh: Version / Stepping
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
3Fh
R
Version / Stepping
VER3
VER
2
VER
1
VER
0
STP
3
STP
2
STP
1
STP0
6Ah
Table 8.11 Register 40h: Ready/Lock/Start Monitoring
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
40h
R/W
Ready/Lock/Start
RES
RES
RES
RES
OVRID
READY
LOCK
START
00h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn