Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMC2300 Datasheet(PDF) 49 Page - SMSC Corporation

Part No. EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

EMC2300 Datasheet(HTML) 49 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
SMSC EMC2300
49
Revision 0.2 (06-14-06)
DATASHEET
8.1
Undefined Registers
The registers shown in Table 8.1, "Register Summary" above are the defined registers in the part. Any
reads to undefined registers always return 00h. Writes to undefined registers have no effect and do
not return an error.
8.2
Defined Registers
8.2.1
Registers 20-24h: Voltage Reading
The Voltage Reading registers reflect the current voltage of the EMC2300 voltage monitoring inputs.
Voltages are presented in the registers at ¾ full scale for the nominal voltage, meaning that at nominal
voltage, each register will read C0h.
The Voltage Reading registers will be updated automatically by the EMC2300 Chip with a minimum
frequency of 4Hz. These registers are read only – a write to these registers has no effect.
8.2.2
Registers 25-27h: Temperature Reading
The Temperature Reading registers reflect the current temperatures of the internal and remote diodes.
Remote Diode 1 Temp Reading register reports the temperature measured by the Remote1- and
Remote1+ pins, Remote Diode 2 Temp Reading register reports the temperature measured by the
Remote2- and Remote2+ pins, and the Internal Temp Reading register reports the temperature
measured by the internal (ambient) temperature sensor. Current temperatures are represented as 8
bit, 2’s complement, signed numbers in Celsius, as shown below in Table 8.5. The Temperature
Reading register will return a value of 80h if the remote diode pins are not implemented by the board
designer or are not functioning properly (this corresponds to the diode fault interrupt status bits). The
Table 8.2 Registers 20-24h: Voltage Reading
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
21h
R
Vccp Reading
7
6
5
4
3
2
1
0
N/A
22h
R
VCC Reading
7
6
5
4
3
2
1
0
N/A
Table 8.3 Voltage vs. Register Reading
INPUT
NOMINAL
VOLTAGE
REGISTER
READING AT
NOMINAL
VOLTAGE
MAXIMUM
VOLTAGE
REGISTER
READING AT
MAXIMUM
VOLTAGE
MINIMUM
VOLTAGE
REGISTER
READING AT
MINIMUM VOLTAGE
Vccp
2.25V
C0h
3.00V
FFh
0V
00h
VCC
3.3V
C0h
4.38V
FFh
0V
00h
Table 8.4 Registers 25-27h: Temperature Reading
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
25h
R
Remote Diode 1 Temp Reading
7
6
5
4
3
2
1
0
N/A
26h
R
Internal Temp Reading
7
6
5
4
3
2
1
0
N/A
27h
R
Remote Diode 2 Temp Reading
7
6
5
4
3
2
1
0
N/A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn