Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMC2300 Datasheet(PDF) 41 Page - SMSC Corporation

Part No. EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

EMC2300 Datasheet(HTML) 41 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
SMSC EMC2300
41
Revision 0.2 (06-14-06)
DATASHEET
7.1.4.6
Programming Options for Each Tachometer Input
The features defined in this section are programmable via the TACHx Option registers located at
offsets 90h-93h and the PWMx Option registers located at offsets 94h-96h.
7.1.4.6.1
TACH READING UPDATE TIME
In Mode 1, the Fan Tachometer Reading registers are continuously updated. In Mode 2, the fan
tachometer registers are updated every 300ms, 500msec, or 1000msec. This option is programmed
via bits[1:0] in the PWMx Option register. The PWM associated with a particular TACH(s) determines
the TACH update time.
7.1.4.6.2
PROGRAMMED NUMBER OF TACH EDGES
In modes 1 & 2, the number of edges is programmable for 2, 3, 5 or 9 edges (i.e., ½ tachometer pulse,
1 tachometer pulse, 2 tachometer pulses, 4 tachometer pulses). This option is programmed via bits[2:1]
in the TachX Option register.
Note: The “5 edges” case corresponds to two tachometer pulses, or 1 RPM for most fans. Using
the other edge options will require software to scale the values in the reading register to
correspond to the count for 1 RPM.
7.1.4.6.3
GUARD TIME (MODE 2 ONLY)
The guard time is programmable from 8 to 63 clocks (90kHz). This option is programmed via bits[4:3]
in the TachX Option register.
7.1.4.6.4
IGNORE FIRST 3 TACHOMETER EDGES (MODE 2 ONLY)
Option to ignore first 3 tachometer edges after guard time. This option is programmed for each
tachometer via bits[2:0] in the TACHx Option register. Default is do not ignore first 3 tachometer edges
after guard time.
7.1.4.7
Summary of Operation for Modes 1 & 2
The following summarizes the detection cases:
No edge occurs during the PWM ‘ON’ time: indicate this condition as a stalled fan
−The tachometer reading register contains FFFFh.
One edge (or less than programmed number of edges) occurs during the PWM ‘ON’ time :
indicate this condition as a slow fan.
−If the SLOW bit is set to 0, the tachometer reading register will be set to FFFEh to indicate that
this is a slow fan instead of a seized fan. Note: This operation also pertains to the case where the
tachometer counter reaches FFFFh before the programmed number of edges occurs.
−If the SLOW bit is set to one, the tachometer reading register will be set to FFFFh. In this case,
no distinction is made between a slow or seized fan.
Note: The Slow Interrupt feature (SLOW) is configured in the TACHx Options registers at offsets 90h
to 93h.
The programmed number of edges occurs:
-Mode 1: If the programmed number of edges occurs before the counter reaches FFFFh latch the
tachometer count
-Mode 2: If the programmed number of edges occurs during the PWM ‘ON’ time: latch the
tachometer count. (see Note below).
Notes:
Whenever the programmed number of edges is detected, the edge detection ends and the state
machine is reset. The tachometer reading register is updated with the tachometer count value at
this time. See Note 7.8 below for the one exception to this behavior.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn