Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2229 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2229 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2229_06 Datasheet HTML 19Page - SMSC Corporation USB2229_06 Datasheet HTML 20Page - SMSC Corporation USB2229_06 Datasheet HTML 21Page - SMSC Corporation USB2229_06 Datasheet HTML 22Page - SMSC Corporation USB2229_06 Datasheet HTML 23Page - SMSC Corporation USB2229_06 Datasheet HTML 24Page - SMSC Corporation USB2229_06 Datasheet HTML 25Page - SMSC Corporation USB2229_06 Datasheet HTML 26Page - SMSC Corporation USB2229_06 Datasheet HTML 27Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
Datasheet
SMSC USB2229/USB2230
25
Revision 1.3 (02-13-06)
DATASHEET
Note 7.6
The assignment of each Integrated Card Power FET to a designated Card Connector is
controlled by both firmware and the specific board implementation. Firmware will default to
the settings listed in Table 9.1, “GPIO Usage (ROM Rev 0x00),” on page 27
7.3
Capacitance
TA = 25°C; fc = 1MHz; VDD18, VDD18PLL = 1.8V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
All pins except USB pins
(and pins under test tied to
AC ground)
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF


Similar Part No. - USB2229_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2229-NE-03 SMSC-USB2229-NE-03 Datasheet
1,008Kb / 27P
   5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
Microchip Technology
USB2229-NU-02 MICROCHIP-USB2229-NU-02 Datasheet
374Kb / 28P
   5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2229-NU-03 SMSC-USB2229-NU-03 Datasheet
1,008Kb / 27P
   5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
More results

Similar Description - USB2229_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
   5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
Microchip Technology
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
   5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
   5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
Microchip Technology
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
   4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2226 SMSC-USB2226 Datasheet
334Kb / 23P
   4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
   4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
   4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
   4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
logo
SMSC Corporation
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
   4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
   4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com