Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMC2101 Datasheet(PDF) 1 Page - SMSC Corporation

Part No. EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

EMC2101 Datasheet(HTML) 1 Page - SMSC Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
SMSC EMC2101
Revision 2.53 (03-13-07)
DATASHEET
Datasheet
PRODUCT FEATURES
EMC2101
SMBus Fan Control
with 1°C Accurate
Temperature Monitoring
GENERAL DESCRIPTION
The EMC2101 is an SMBus 2.0 compliant, integrated
fan control solution complete with two temperature
monitors, one external and one internal. Each
temperature channel has programmable high limits that
can assert an interrupt.
The fan drive is selectable as a Pulse Width Modulator
(PWM) or Linear (DAC) output. The fan control output,
whether the PWM or DAC drive circuit, uses an eight
position look-up table to allow the user to program the
fan speed profile based on temperature. The DAC out-
put ranges from 0V to VDD with up to 6 bit resolution
while the PWM output has a range of 0% to 100% with
up to 64 steps.
The EMC2101 has an option to automatically upload the
contents of an attached SMBus compatible EEPROM for
auto-programming upon power up.
Advanced thermal sensing enables reduced validation
and characterization time as well as accurately operat-
ing with smaller-geometry processors. Resistance Error
Correction (REC) automatically corrects the offset errors
of board trace and device resistance, up to 100
Ω. Auto-
matic Beta Compensation allows the user the flexibility
to design applications that include processor substrate
transistors.
FEATURES
Automatic Beta Compensation
Resistance Error Correction
Self-programming with available SMBus compatible
EEPROM
Selectable PWM or DAC fan driver output
Temperature Monitors
— External channel ±1°C accuracy
— Internal channel ±2°C accuracy
3.3 Volt Operation (5 Volt Tolerant Input Buffers)
SMBus 2.0 Compliant Interface, supports TIMEOUT
8-Pin MSOP Lead-free RoHS Compliant Packages
8-Pin SOIC Lead-free RoHS Compliant Package
APPLICATIONS
Graphics Processors
Embedded Application Fan Drive
PWM Controller + Temp Sensor
BLOCK DIAGRAM
Internal
Temp Diode
Switching
Current
Analog
Mux
Internal
Temperature
Register
Internal High Limit Register
External High Limit Register
Address Pointer Register
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
ALERT / TACH
SMCLK
SMDATA
DP
DN
VDD
GND
EMC2101
External
Temperature
Register
ΔΣ ADC
FAN
PWM Driver
Fan Control
Logic
External TCRIT Limit Register
DAC Driver
Fan Control
Look-Up Table


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn