Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM20019I Datasheet(PDF) 44 Page - SMSC Corporation

Part # COM20019I
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I Datasheet(HTML) 44 Page - SMSC Corporation

Back Button COM20019I_06 Datasheet HTML 40Page - SMSC Corporation COM20019I_06 Datasheet HTML 41Page - SMSC Corporation COM20019I_06 Datasheet HTML 42Page - SMSC Corporation COM20019I_06 Datasheet HTML 43Page - SMSC Corporation COM20019I_06 Datasheet HTML 44Page - SMSC Corporation COM20019I_06 Datasheet HTML 45Page - SMSC Corporation COM20019I_06 Datasheet HTML 46Page - SMSC Corporation COM20019I_06 Datasheet HTML 47Page - SMSC Corporation COM20019I_06 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
Rev. 03-07-06
Page 44
SMSC COM20019I
DATASHEET
The XTAL2 side of the crystal may be loaded with a single 74HC-type buffer in order to generate a clock
for other devices.
The user may attach an external TTL clock, rather than a crystal, to the XTAL1 signal. In this case, a
390
Ω pull-up resistor is required on XTAL1, while XTAL2 should be left unconnected.


Similar Part No. - COM20019I_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results

Similar Description - COM20019I_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com