Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM20019I Datasheet(PDF) 37 Page - SMSC Corporation

Part # COM20019I
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I Datasheet(HTML) 37 Page - SMSC Corporation

Back Button COM20019I_06 Datasheet HTML 33Page - SMSC Corporation COM20019I_06 Datasheet HTML 34Page - SMSC Corporation COM20019I_06 Datasheet HTML 35Page - SMSC Corporation COM20019I_06 Datasheet HTML 36Page - SMSC Corporation COM20019I_06 Datasheet HTML 37Page - SMSC Corporation COM20019I_06 Datasheet HTML 38Page - SMSC Corporation COM20019I_06 Datasheet HTML 39Page - SMSC Corporation COM20019I_06 Datasheet HTML 40Page - SMSC Corporation COM20019I_06 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 37
Rev. 03-07-06
DATASHEET
Figure 6.2 -
RAM BUFFER PACKET CONFIGURATION
6.4.2
Transmit Sequence
During a transmit sequence, the microcontroller selects a 256 or 512 byte segment of the RAM buffer and
writes into it. The appropriate buffer size is specified in the "Define Configuration" command. When long
packets are enabled, the COM20019I interprets the packet as either a long or short packet, depending on
whether the buffer address 2 contains a zero or non-zero value. The format of the buffer is shown in
Figure 8. Address 0 contains the Source Identifier (SID); Address 1 contains the Destination Identifier
(DID); Address 2 (COUNT) contains, for short packets, the value 256-N, where N represents the number
of information bytes in the message, or for long packets, the value 0, indicating that it is indeed a long
packet. In the latter case, Address 3 (COUNT) would contain the value 512-N, where N represents the
number of information bytes in the message. The SID in Address 0 is used by the receiving node to reply to
the transmitting node. The COM20019I puts the local ID in this location, therefore it is not necessary to
write into this location. Please note that a short packet may contain between 1 and 253 data bytes, while a
long packet may contain between 257 and 508 data bytes. A minimum value of 257 exists on a long
packet so that the COUNT is expressible in eight bits. This leaves three exception packet lengths which
do not fit into either a short or long packet; packet lengths of 254, 255, or 256 bytes. If packets of these
SID
DID
COUNT = 256-N
NOT USED
DATA BYTE 1
DATA BYTE 2
DATA BYTE N-1
DATA BYTE N
NOT USED
SID
DID
0
COUNT = 512-N
NOT USED
DATA BYTE 1
DATA BYTE 2
DATA BYTE N-1
DATA BYTE N
SHORT PACKET
FORMAT
LONG PACKET
FORMAT
ADDRESS
ADDRESS
0
1
2
COUNT
255
511
N = DATA PACKET LENGTH
SID = SOURCE ID
DID = DESTINATION ID
(DID = 0 FOR BROADCASTS)
0
1
2
COUNT
511
3


Similar Part No. - COM20019I_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results

Similar Description - COM20019I_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com