Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1458 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MC1458
Description  General purpose operational amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1458 Datasheet(HTML) 6 Page - NXP Semiconductors

  MC1458 Datasheet HTML 1Page - NXP Semiconductors MC1458 Datasheet HTML 2Page - NXP Semiconductors MC1458 Datasheet HTML 3Page - NXP Semiconductors MC1458 Datasheet HTML 4Page - NXP Semiconductors MC1458 Datasheet HTML 5Page - NXP Semiconductors MC1458 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
MC/SA1458/MC1558
General purpose operational amplifier
August 31, 1994
64
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
28
24
20
16
12
8
4
0
10
100
1K
10K
100K
(VOLTAGE FOLLOWER)
+ 15 VOLT SUPPLIES
THD < 5%
FREQUENCY — Hz
Power Bandwidth
(Large–Signal Swing vs Frequency)


Similar Part No. - MC1458

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1458 ONSEMI-MC1458 Datasheet
126Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
1996 REV 1
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC1458 UTC-MC1458 Datasheet
146Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - MC1458

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com