Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5962 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 2N5962
Description  NPN General Purpose Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

2N5962 Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 5.0 mA, IB = 0
45
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
45
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
8.0
V
ICBO
Collector Cutoff Current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 65
°C
2.0
50
nA
nA
IEBO
Emitter Cutoff Current
VEB = 5.0 V, IC = 0
1.0
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 5.0 V, IC = 10
µA
VCE = 5.0 V, IC = 100
µA
VCE = 5.0 V, IC = 1.0 mA
VCE = 5.0 V, IC = 10 mA
450
500
550
600
1400
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
0.2
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 1.0 mA
0.5
0.7
V
SMALL SIGNAL CHARACTERISTICS
Ccb
Collector-Base Capacitance
VCB = 5.0 V
4.0
pF
Ceb
Emitter-Base Capacitance
VEB = 0.5 V
6.0
pF
hfe
Small-Signal Current Gain
IC = 10 mA, VCE = 5.0 V,
f = 1.0 kHz
IC = 10 mA, VCE = 5.0 V,
f = 100 MHz
600
1.0
200
NF
Noise Figure
VCE = 5.0 V, IC = 10
µA,
RS = 10 k
Ω, f = 1.0 kHz,
BW = 400 Hz
VCE = 5.0 V, IC = 100
µA,
RS = 1.0 k
Ω, f = 1.0 kHz,
BW = 400 Hz
VCE = 5.0 V, IC = 100
µA,
RS = 10 k
Ω, f = 1.0 kHz,
BW = 400 Hz
VCE = 5.0 V, IC = 100
µA,
RS = 100 k
Ω, f = 1.0 kHz,
BW = 400 Hz
VCE = 5.0 V, IC = 10
µA,
RS = 10 k
Ω, f = 10 Hz -10 kHz
BW = 15.7 kHz
3.0
6.0
4.0
8.0
3.0
dB
dB
dB
dB
dB
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N4953_02NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
2N5830_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3704_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5172_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3859A_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5307_02NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
2N3903_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn