Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5962 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 2N5962
Description  NPN General Purpose Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

2N5962 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Discrete POWER & Signal
Technologies
NPN General Purpose Amplifier
This device is designed for use as low noise, high gain, general
purpose amplifiers requiring collector currents to 50 mA.
Sourced from Process 07. See 2N5088 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Base Voltage
45
V
VEBO
Emitter-Base Voltage
8.0
V
IC
Collector Current - Continuous
100
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
2N5962
*MMBT5962
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
C
B
E
SOT-23
Mark: 117
MMBT5962
2N5962
C
B
E
TO-92
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
© 1997 Fairchild Semiconductor Corporation


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N4953_02NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
2N5830_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3704_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5172_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3859A_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5307_02NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
2N3903_01NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn