Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA-5114883 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HA-5114883
Description  Quad, Low Noise, High Performance Uncompensated Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-5114883 Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, All Rights Reserved
TM
HA-5114/883
Quad, Low Noise, High Performance
Uncompensated Operational Amplifier
Description
Low noise and high performance are key words describing
the quad, uncompensated HA-5114/883. This general pur-
pose amplifier offers an array of dynamic specifications
including 12V/
µs slew rate (min), and 40MHz gain-band-
width-product for AVCL ≥ 10. Complementing these outstand-
ing parameters is a very low noise specification of 6nV/
√Hz
at 1kHz (max).
Fabricated using the Intersil standard high frequency D.I.
process, these operational amplifiers also offer excellent
input specifications such as 2.5mV (max) offset voltage and
75nA (max) offset current. Complementing these specifica-
tions are 100dB (min) open loop gain and 55dB channel
separation (min). Economically, HA-5114/883 also con-
sumes a very modest amount of power (225mW/ package),
while also saving board space and cost.
This impressive combination of features make this amplifier
ideally suited for designs ranging from audio amplifiers and
active filters to the most demanding signal conditioning and
instrumentation circuits.
Part Number Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-5114/883
-55oC to +125oC
14 Lead CerDIP
HA4-5114/883
-55oC to +125oC
20 Lead Ceramic LCC
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Input Noise Voltage Density at 1kHz . . . 6nV/
√Hz(Max)
4.3nV/
√Hz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . .12V/
µs (Min)
20V/
µs (Typ)
• Wide Gain Bandwidth Product (AVCL ≥ 10). . . 40MHz (Typ)
• High Open Loop Gain (Full Temp) . . . . . 100kV/V (Min)
250kV/V (Typ)
• High CMRR, PSRR (Full Temp) . . . . . . . . . . . 86dB (Min)
100dB (Typ)
• Low Offset Voltage Drift . . . . . . . . . . . . . . 3
µV/oC (Typ)
• No Crossover Distortion
• Standard Quad Pinout
Applications
• High Quality Audio Preamplifiers
• High Q Active Filters
• Low Noise Function Generators
• Low Distortion Oscillators
• Low Noise Comparators
September 2001
File Number
511015-883
File Number
3712.1
Pinouts
HA-5114/883
(CERDIP)
TOP VIEW
HA-5114/883
(CLCC)
TOP VIEW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
+
4 +
2
+
3
+
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
--
-
-
4
5
6
7
8
910 11
12 13
32
1
20 19
15
14
18
17
16
4
+
3
+
2
+
1
+
+IN4
NC
V-
NC
+IN3
+IN1
NC
V+
NC
+IN2
--
-
-
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUT
E PRODUC
T
HA1-5104/8
83 or 5962-
8852012A (
LCC)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn